Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD40-31 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PD40-31
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD40-31 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PD40-31 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD40-31 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
OUTPUT VOLTAGE & CURRENT RATINGS
PD 40
Notes
Mechanical Details
Pin Chart
Output #1
Output #2
Output #3
Maximum
Output
Model
Vnom
Imin
Imax
Tol.
Vnom
Imin
Imax
Tol.
Vnom
Imin
Imax
Tol.
Power2
PD40-10
5V
0.0A
8.0A
1%
40W
PD40-12
12V
0.0A
3.5A
1%
40W
PD40-13
15V
0.0A
3.0A
1%
40W
PD40-14
24V
0.0A
2.0A
1%
40W
PD40-25
+5V
0.5A
3.0A
3%
+24V
0.1A
1.0A
5%
40W
PD40-30
+5V
0.5A
3.0A
3%
+12V
0.2A
2.0A
5%
–5V
0A
0.8A
5%
40W
PD40-31
+5V
0.5A
3.0A
3%
+12V
0.2A
2.0A
5%
–12V
0A
0.8A
5%
40W
PD40-32
+5V
0.5A
3.0A
3%
+15V
0.2A
2.0A
5%
–15V
0A
0.8A
5%
40W
MODEL
PIN
1
2
3
4
5
6
PD40-10
PD40-12
OUTPUT
OUTPUT
OUTPUT
RETURN
RETURN
RETURN
PD40-13
PD40-14
#1
#1
#1
PD40-25
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
N.C.
#2
#1
#1
RETURN
RETURN
PD40-30
PD40-31
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
PD40-32
#2
#1
#1
RETURN
RETURN
#3
1. All multi-output units may be operated at no load without damage. At no load, output tolerance increases to 10%.
2. Maximum output power for 10-30 VDC input range is 70% of that shown above.
3. Suffix codes for mechanical format and input range as follows:
Input voltage range
L: .10-30 VDC2
Mechanical format:
A: PCB only
M: .20-60 VDC
C: Enclosed
H: .30-90 VDC
Example: PD40-31MC (20-60 VDC input range/Enclosed).
Dimensions shown in inches (mm)/Tolerance ± 0.02 (0.5) maximum
Input connector mates with Molex housing 09-50-3041 and Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061 and Molex 2878 series crimp terminal
OPEN PCB “A”
ENCLOSED “C”
PD 40
26/4/02
2:41 pm
Page 2


Similar Part No. - PD40-31

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD40-31 TRUMPOWER-PD40-31 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Powerbox
PD40-31 POWERBOX-PD40-31 Datasheet
1Mb / 4P
   40-110 WATTS WIDE INPUT
logo
Tumbler Technologies + ...
PD40-31 TRUMPOWER-PD40-31 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
More results

Similar Description - PD40-31

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com