Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1322B Datasheet(PDF) 9 Page - ams AG

Part # AS1322B
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322B Datasheet(HTML) 9 Page - ams AG

Back Button AS1322B Datasheet HTML 5Page - ams AG AS1322B Datasheet HTML 6Page - ams AG AS1322B Datasheet HTML 7Page - ams AG AS1322B Datasheet HTML 8Page - ams AG AS1322B Datasheet HTML 9Page - ams AG AS1322B Datasheet HTML 10Page - ams AG AS1322B Datasheet HTML 11Page - ams AG AS1322B Datasheet HTML 12Page - ams AG AS1322B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
9 - 17
AS1322
austriamicrosystems
Data Sheet
Powersave Operation (AS1322A)
9 Application Information
The AS1322 is perfectly suited for LED matrix displays, bar-graph displays, instrument-panel meters, dot matrix dis-
plays, set-top boxes, white goods, professional audio equipment, medical equipment, industrial controllers to name a
few applications.
Along with Figure 1 on page 1, Figures 16-19 depict a few of the many applications for which the AS1322 converters
are perfectly suited.
Figure 16. Single AA Cell to 3.3V Synchronous Boost Converter with Load Disconnect in Shutdown
Figure 17. Single Lithium Cell to 5V, 250mA
AS1322
C2
4.7µF
R2
604k
1%
On
Off
Q1
L1
4.7µH
AA
Battery
C1
4.7µF
R3
510k
R3
510k
VOUT
3.3V, 150mA
D1
R1
1.02M
1%
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
AS1322
C2
4.7µF
R2
332k
Ω 1%
R1
1.02M
Ω 1%
On
Off
L1
4.7µH
Lithium
Battery
C1
4.7µF
D1
C3
100pF
100nF
2
Optional
Snubber
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT


Similar Part No. - AS1322B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322B AMSCO-AS1322B Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322B-BTTT AMSCO-AS1322B-BTTT Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322B-BTTT AMSCO-AS1322B-BTTT Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
More results

Similar Description - AS1322B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com