Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1746 Datasheet(PDF) 1 Page - ams AG

Part # AS1746
Description  0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1746 Datasheet(HTML) 1 Page - ams AG

  AS1746 Datasheet HTML 1Page - ams AG AS1746 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1746
0.5/0.6
Ω, Low-Voltage, Dual SPDT Analog Switch
www.austriamicrosystems.com
Revision 1.03
1 - 15
Datasheet
1 General Description
The AS1746 is a low on-resistance (RON), low-voltage,
dual-single-pole/double-throw (SPDT) analog switch
designed to operate from a single +1.8 to +5.5V supply.
The device features a 0.5
Ω (max) RON for normally
closed (NC) switches and a 0.6
Ω (max) RON for nor-
mally open (NO) switches using a +2.7V supply.
The AS1746 features break-before-make switching
(2ns) with tON = 50ns and tOFF = 30ns (using a +2.7V
supply).
The digital logic inputs are 1.8V logic-compatible with
+2.7 to +3.3V supplies.
The AS1746 is available in a TDFN-10 (3x3mm) pack-
age and a WL-CSP-10 package.
Figure 1. AS1746 - Block Diagram
2 Key Features
!
Single Supply Operation: +1.8V to +5.5V
!
Normally Closed Switch RON: 0.45
Ω (+2.7V Supply)
!
Normally Open Switch RON: 0.55
Ω (+2.7V Supply)
!
RON Matching Between Channels: 0.06
Ω
!
RON Flatness Over Signal Range: 0.15
Ω
!
Supply Current: 50nA
!
Rail-to-Rail Signal Handling
!
1.8V Logic Compatibility
!
Low Crosstalk: -60dB (100kHz)
!
High Off-Isolation: -64dB (100kHz)
!
Total Harmonic Distortion: 0.025%
!
Ultra-Low Leakage Currents: 1nA (@ TAMB = +25ºC)
!
Package Types:
- TDFN-10 (3x3mm)
- WL-CSP-10
3 Applications
The device is ideal for audio headsets, MP3 players,
power routing switches, relay replacements, audio and
video signal routing, communications circuits, PCMCIA
cards, mobile phones, MODEMs, and any battery-oper-
ated equipment.
Truth Table
Switch shown for logic low input.
IN
NOx to
COM
NCx to
COM
Low
Off
On
High
On
Off
AS1746
4
IN1
3
COM1
2
NO1
1
V+
6GND
7
NC2
9COM2
10 NO2
5
NC1
8
IN2


Similar Part No. - AS1746

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
AS1746-BTDR AMSCO-AS1746-BTDR Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
AS1746-BTDT AMSCO-AS1746-BTDT Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
AS1746-BWLT AMSCO-AS1746-BWLT Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
More results

Similar Description - AS1746

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A Datasheet
186Kb / 9P
   Low Voltage, 0.6ohm, Dual SPDT Analog Switch
Rev. A, 21-Mar-11
logo
National Semiconductor ...
LMS4684 NSC-LMS4684 Datasheet
255Kb / 10P
   0.5 Low-Voltage, Dual SPDT Analog Switch
logo
ams AG
AS1746 AMSCO-AS1746_1 Datasheet
483Kb / 15P
   0.5/0.6, Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
HM5223 HMSEMI-HM5223 Datasheet
637Kb / 8P
   Ultra-Low 0.5廓 Dual SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com