Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1322B-BTTT Datasheet(PDF) 10 Page - ams AG

Part # AS1322B-BTTT
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1322B-BTTT Datasheet(HTML) 10 Page - ams AG

Back Button AS1322B-BTTT Datasheet HTML 6Page - ams AG AS1322B-BTTT Datasheet HTML 7Page - ams AG AS1322B-BTTT Datasheet HTML 8Page - ams AG AS1322B-BTTT Datasheet HTML 9Page - ams AG AS1322B-BTTT Datasheet HTML 10Page - ams AG AS1322B-BTTT Datasheet HTML 11Page - ams AG AS1322B-BTTT Datasheet HTML 12Page - ams AG AS1322B-BTTT Datasheet HTML 13Page - ams AG AS1322B-BTTT Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
10 - 17
AS1322
austriamicrosystems
Data Sheet
Powersave Operation (AS1322A)
Figure 18. Single AA Cell to ±3V Synchronous Boost Converter
Figure 19. Single AA Cell to 2.5V Synchronous Boost Converter
AS1322
R2
750k
1%
R1
1.02M
1%
On
Off
L1
4.7µH
AA
Battery
C1
4.7µF
C3
1µF
D1
VOUT2
-3V, 10mA
VOUT1
3V, 90mA
C2
4.7µF
C4
10µF
D2
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT
AS1322
C2
10µF
R2
1.02M
1%
R1
1.02M
1%
On
Off
L1
10µH
AA
Battery
C1
10µF
VOUT
2.5V, 230mA
D1
GND
2
SW
1
4
SHDNN
3
FB
6
VIN
5
VOUT


Similar Part No. - AS1322B-BTTT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322B-BTTT AMSCO-AS1322B-BTTT Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322B-BTTT AMSCO-AS1322B-BTTT Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
More results

Similar Description - AS1322B-BTTT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com