Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D108J12S2AQF Datasheet(PDF) 5 Page - ITT Industries

Part # D108J12S2AQF
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D108J12S2AQF Datasheet(HTML) 5 Page - ITT Industries

  D108J12S2AQF Datasheet HTML 1Page - ITT Industries D108J12S2AQF Datasheet HTML 2Page - ITT Industries D108J12S2AQF Datasheet HTML 3Page - ITT Industries D108J12S2AQF Datasheet HTML 4Page - ITT Industries D108J12S2AQF Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
CONTACT MATERIAL
1MOVABLE CONTACT: D10X and D20X MODELS: Copper, silver plated.
D50X and D60X MODELS: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated.
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options. DX01, DX02 models
when ordered with
‘QF’contact material.
AVAILABLE HARDWARE
Insert
SP Only
PART NO.
057190200
BLACK
Material: Nylon 6/6
Finish: Matte
Recessed Actuator Guard,
SP Only
PART NO.
057090100
BLACK
Material: 6/6 Nylon
Finish: Matte
Actuator Guard
PART NO.
104C02000
Material: PBT thermoplastic
Finish: Matte
H–66
OPTION
CODE
QA
QF
CONTACT AND
TERMINAL MATERIAL
POWER
SILVER 1
RATINGS
D10X and D20X MODELS: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA).
D50X and D60X MODELS: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA).
D10X and D20X MODELS: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC (UL/CSA).
4(2) AMPS @ 125 V AC; 2(1) AMPS @ 250 V AC, T85 (VDE).
D50X and D60X MODELS: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC (UL/CSA).
10(6) AMPS @ 125 V AC: 5(3) AMPS @ 250 V AC, T85 (VDE).
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
YES
YES
YES
YES


Similar Part No. - D108J12S2AQF

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D108 MPD-D108 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&K Components
D108 CK-COMPONENTS-D108 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Tyco Electronics
D10801-000 MACOM-D10801-000 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
Nell Semiconductor Co.,...
D1080B NELLSEMI-D1080B Datasheet
1Mb / 2P
   STANDARD RECOVERY DIODE
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D108J12S2AQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com