Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8137 Datasheet HTML 5Page - Analog Devices AD8137 Datasheet HTML 6Page - Analog Devices AD8137 Datasheet HTML 7Page - Analog Devices AD8137 Datasheet HTML 8Page - Analog Devices AD8137 Datasheet HTML 9Page - Analog Devices AD8137 Datasheet HTML 10Page - Analog Devices AD8137 Datasheet HTML 11Page - Analog Devices AD8137 Datasheet HTML 12Page - Analog Devices AD8137 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8137
Rev. A | Page 9 of 24
FREQUENCY (MHz)
3
2
1
0
–1
–3
–4
–2
–5
–6
–7
–8
–10
–11
–9
–12
1
10
100
1000
VO, dm = 0.1V p-p
RL, dm = 2kΩ
RL, dm = 1kΩ
RL, dm = 500Ω
Figure 13. Small Signal Frequency Response for Various Loads
1
10
100
1000
FREQUENCY (MHz)
VO, dm = 0.1V p-p
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
CF = 2pF
CF = 1pF
CF = 0pF
Figure 14. Small Signal Frequency Response for Various CF
FREQUENCY (MHz)
2
1
0
–1
–2
–4
–5
–3
–6
–7
–8
–9
–11
–12
–10
–13
1
10
100
1000
VO, dm = 0.1V p-p
VOCM = 1V
VOCM = 4V
VOCM = 2.5V
Figure 15. Small Signal Frequency Response at Various VOCM
FREQUENCY (MHz)
3
2
1
0
–1
–3
–4
–2
–5
–6
–7
–8
–10
–11
–9
–12
1
10
100
1000
VO, dm = 2V p-p
RL, dm = 2kΩ
RL, dm = 1kΩ
RL, dm = 500Ω
Figure 16. Large Signal Frequency Response for Various Loads
1
10
100
1000
FREQUENCY (MHz)
VO, dm = 2.0V p-p
3
2
1
0
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
CF = 2pF
CF = 1pF
CF = 0pF
Figure 17. Large Signal Frequency Response for Various CF
FREQUENCY (MHz)
3
2
1
0
–1
–3
–4
–2
–5
–6
–7
–8
–10
–11
–9
–12
1
10
100
1000
2V p-p
0.5V p-p
0.1V p-p
1V p-p
Figure 18. Frequency Response for Various Output Amplitudes


Similar Part No. - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
331Kb / 8P
   Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
AD8137 AD-AD8137 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
More results

Similar Description - AD8137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com