Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3T130B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3T130B
Description  TWO TERMINAL THYRISTOR SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3T130B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3T130B Datasheet HTML 1Page - List of Unclassifed Manufacturers 3T130B Datasheet HTML 2Page - List of Unclassifed Manufacturers 3T130B Datasheet HTML 3Page - List of Unclassifed Manufacturers 3T130B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
Electrical Characteristics @ 25 ºC Ambient Temperature
PART
NUMBER
MARKING
CODE FOR
SMD
PACKAGE
REPETITIVE
PEAK OFF-
STAGE
VOLTAGE
VDRM
VOLTS
SWITCHING
VOLTAGE @
100V/ µs
Vs
VOLTS
MINIMUM
HOLDING
CURRENT
dl/dt = 1A/ms
IH
mA
SWITCHING
CURRENT
IS
mA
SURGE
RATING
IPP
10x1000
µs
Amps
ON-STAGE
CURRENT
IT
A
TYPICAL
CAPACITANCE
@ 2V, 1MHZ
C
pF
3T064A
GC
58.00
77
150
800.0
50.0
160
3T072A
GD
65.00
88
150
800.0
50.0
1
60
3T080A
GE
75.00
98
150
800.0
50.0
1
60
3T110A
GF
90.00
130
150
800.0
50.0
1
60
3T130A
GG
120.00
160
150
800.0
50.0
1
40
3T150A
GH
140.00
180
150
800.0
50.0
1
40
3T180A
GI
160.00
220
150
800.0
50.0
1
40
3T230A
GJ
190.00
260
150
800.0
50.0
1
30
3T260A
GK
220.00
300
150
800.0
50.0
1
30
3T310A
GL
275.00
350
150
800.0
50.0
1
30
3T350A
GM
300.00
400
150
800.0
50.0
1
30
3T064B
GP
58.00
77
150
800.0
100.0
1
60
3T072B
GQ
65.00
88
150
800.0
100.0
1
60
3T080B
GR
75.00
98
150
800.0
100.0
1
60
3T110B
GS
90.00
130
150
800.0
100.0
1
60
3T130B
GT
120.00
160
150
800.0
100.0
1
40
3T150B
GU
140.00
180
150
800.0
100.0
1
40
3T180B
GV
160.00
220
150
800.0
100.0
1
40
3T230B
GW
190.00
260
150
800.0
100.0
1
30
3T260B
GX
220.00
300
150
800.0
100.0
1
30
3T310B
GY
275.00
350
150
800.0
100.0
1
30
3T350B
GZ
300.00
400
150
800.0
100.0
1
30
8/6/2002


Similar Part No. - 3T130B

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
3T130B MDE-3T130B Datasheet
1Mb / 4P
   SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
More results

Similar Description - 3T130B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NK100TA NELLSEMI-NK100TA Datasheet
791Kb / 5P
   Two Separated Thyristor Module
logo
MDE Semiconductor, Inc.
3T064A MDE-3T064A Datasheet
1Mb / 4P
   SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
logo
MORNSUN Science& Techno...
TE5530AN MORNSUN-TE5530AN Datasheet
185Kb / 3P
   two-terminal isolation
TE6650HN MORNSUN-TE6650HN Datasheet
1Mb / 6P
   Two-terminal isolation
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
IXYS Corporation
CLA15E1200NPB IXYS-CLA15E1200NPB Datasheet
172Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA30E1200NPZ IXYS-CLA30E1200NPZ Datasheet
465Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA15E1200NPZ IXYS-CLA15E1200NPZ Datasheet
453Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA40E1200NPZ IXYS-CLA40E1200NPZ Datasheet
461Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com