Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6701A-03A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6701A-03A
Description  Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6701A-03A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6701A-03A Datasheet HTML 2Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 3Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 4Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 5Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 6Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 7Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 8Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 9Page - Maxim Integrated Products MAX6701A-03A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
Figures 1, 2, and 3 are functional diagrams for the
MAX6705(A)/MAX6706(A)/MAX6707(A), MAX6704/
MAX6708, and MAX6701(A)/ MAX6702(A)/MAX6703(A),
respectively.
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX6701–MAX6708 assert reset dur-
ing power-up and prevent code execution errors during
power-down or brownout conditions.
On power-up, once VCC reaches 1V, RESET is a guar-
anteed logic low of 0.4V or less. As VCC rises, RESET
stays low. After VCC, RST_IN1, or RST_IN2 rise above
the reset threshold, an internal timer holds RESET low
for about 200ms. RESET pulses low whenever VCC dips
below the reset threshold, including brownout condi-
tions. If a brownout occurs in the middle of a previously
initiated reset pulse, the pulse continues for at least
another 140ms. On power-down, once VCC falls below
the reset threshold, RESET stays low and is guaranteed
to be 0.4V or less, until VCC drops below 1V.
The MAX6702(A)/MAX6704/MAX6706(A)/MAX6708
active-high RESET output is the complement of the
RESET output, and is guaranteed to be valid with VCC
down to 1V.
Low-Voltage, SOT23 µP Supervisors with Power-
Fail In/Out, Manual Reset, and Watchdog Timer
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX6701(A)
MAX6702(A)
MAX6703(A)
MAX6704
MAX6705(A)
MAX6706(A)
MAX6707(A)
MAX6708
NAME
FUNCTION
8
8
WDO
Active-Low Watchdog Output (Open Drain or Push-Pull). WDO
is asserted whenever the watchdog times out and VCC or the
reset inputs are below their respective thresholds. WDO
deasserts after a valid WDI transition without a reset timeout
period. In the A versions, WDO deasserts without a timeout
delay when VCC, RST_IN1, and RST_IN2 rises above its
threshold. Pull MR low to assert WDO (MAX6701/MAX6702/
MAX6703/MAX6705/MAX6706/MAX6707 only). Pull MR low to
deassert WDO (MAX6701(A)/MAX6702(A)/MAX6703(A)/
MAX6705(A)/MAX6706(A)MAX6707(A) only).
7*
8
7*
8
RESET
Active-High Reset Output (Push-Pull). RESET changes from low
to high when the VCC input drops below the selected reset
threshold (or RST_IN1/RST_IN2 for MAX6701(A)/MAX6702(A)/
MAX6703(A), MR is pulled low, or the watchdog triggers a
reset (MAX6704 only). RESET remains high for the reset
timeout period after the reset conditions are terminated.
4
——
RST_IN1
Input for User-Adjustable VCC2 Monitor. High-impedance input
for second internal reset comparator. Connect this pin to an
external resistive-divider network to set the reset threshold
voltage; 0.62V (typ) threshold. Connect to VCC when not used.
Reset is asserted when either VCC, RST_IN1, or RST_IN2 are
below threshold.
5
——
RST_IN2
Input for User-Adjustable VCC3 Monitor. High-impedance input
for third internal reset comparator. Connect this pin to an
external resistive-divider network to set the reset threshold
voltage; 0.62V (typ) threshold. Connect to VCC when not used.
Reset is asserted when either VCC, RST_IN1, or RST_IN2 are
below threshold.
*RESET active-high for the MAX6702(A)/MAX6706(A).


Similar Part No. - MAX6701A-03A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6701A-03A MAXIM-MAX6701A-03A Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
More results

Similar Description - MAX6701A-03A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com