Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR540 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFR540
Description  NPN 9 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR540 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFR540 Datasheet HTML 1Page - NXP Semiconductors BFR540 Datasheet HTML 2Page - NXP Semiconductors BFR540 Datasheet HTML 3Page - NXP Semiconductors BFR540 Datasheet HTML 4Page - NXP Semiconductors BFR540 Datasheet HTML 5Page - NXP Semiconductors BFR540 Datasheet HTML 6Page - NXP Semiconductors BFR540 Datasheet HTML 7Page - NXP Semiconductors BFR540 Datasheet HTML 8Page - NXP Semiconductors BFR540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Aug 23
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR540
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCES
collector-emitter voltage
RBE =0
15
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
DC collector current
120
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
500
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
from junction to soldering point
see note 1
260 K/W


Similar Part No. - BFR540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFR540 ISC-BFR540 Datasheet
207Kb / 7P
   isc Silicon NPN RF Transistor
logo
NXP Semiconductors
BFR540 NXP-BFR540 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFR540 JMNIC-BFR540_15 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFR540_2015 JMNIC-BFR540_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
More results

Similar Description - BFR540

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com