Selected language     English  ▼


J01J12AQ Datasheet(PDF) 3 Page - ITT Industries

Part No. J01J12AQ
Description  Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

   
 3 page
background image
H-116
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K JA Series
Rocker Switches
CONTACT MATERIAL
SEAL
1 CONTACTS & TERMINALS: Copper, silver plated.
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with ‘Q’ contact material.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
NONE NO SEAL
E EPOXY SEAL
2 AMPS @ 125 V AC; 1 AMP @ 250 V AC (UL/CSA).
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1
POWER
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
Q




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA04J137207QIlluminated Power Rocker Switches 1 2 3 4 ITT Industries
ET01J1ABE2Sealed Subminiature Rocker Switches 1 2 3 4 5 MoreITT Industries
CN201J12S215QDouble Pole Power Rocker Switches 1 2 3 4 ITT Industries
E101J1ABE22Sealed Miniature Rocker and Lever Handle Switches 1 2 3 4 5 MoreITT Industries
C101J12S215QFRound Single Pole Specialty Rocker Switches 1 2 3 4 ITT Industries
ES40-RSealed Sub-Miniature Rocker Switches 1 2 3 DB Lectro Inc
DF52J12S215QAPower Rocker Switches 1 2 3 4 ITT Industries
D101J12S215QAMiniature Snap-in Power Rocker Switches 1 2 3 4 5 ITT Industries
CG101J12S205QFSingle Pole Power Rocker Switches 1 2 3 4 ITT Industries

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl