Selected language     English  ▼


J01J12AQ Datasheet(PDF) 1 Page - ITT Industries

Part No. J01J12AQ
Description  Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

   
 1 page
background image
H-114
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
Models Available
C&K JA Series
Rocker Switches
Features/Benefits
Right angle PCB mounting
Cost-effective solution
RoHS compliant
Typical Applications
Modems
Entertainment devices
Computer printers
Specifications
CONTACT RATING: Q contact material: 2 AMPS @
125 V AC; 1 AMP @ 250 V AC (UL/CSA). See page H-116 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial
@ 2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & ACTUATOR SUPPORT: 6/6 nylon (UL 94V-2), black.
ACTUATOR: 6/6 nylon (UL 94V-2), black.
PLUNGER: Glass filled polyester (UL 94V-0).
CONTACTS & TERMINALS: Q contact material: Copper,
silver plated. See page H-118 for additional contact materials.
SWITCH SUPPORT TERMINALS: Brass, tin plated
(not electrically connected).
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages H–114 and H–116. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
JA01 SPDT, On-None-On
Actuator
J1 Rocker
Actuator Color
2 Black
3 Red
Contact Material
Q Silver
Terminations
A
Right angle, PC thru-hole
Seal
NONE No seal
E
Epoxy seal




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CA04J137207QIlluminated Power Rocker Switches 1 2 3 4 ITT Industries
ET01J1ABE2Sealed Subminiature Rocker Switches 1 2 3 4 5 MoreITT Industries
CN201J12S215QDouble Pole Power Rocker Switches 1 2 3 4 ITT Industries
E101J1ABE22Sealed Miniature Rocker and Lever Handle Switches 1 2 3 4 5 MoreITT Industries
C101J12S215QFRound Single Pole Specialty Rocker Switches 1 2 3 4 ITT Industries
ES40-RSealed Sub-Miniature Rocker Switches 1 2 3 DB Lectro Inc
DF52J12S215QAPower Rocker Switches 1 2 3 4 ITT Industries
D101J12S215QAMiniature Snap-in Power Rocker Switches 1 2 3 4 5 ITT Industries
CG101J12S205QFSingle Pole Power Rocker Switches 1 2 3 4 ITT Industries

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl