Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KN19 Datasheet(PDF) 2 Page - ITT Industries

Part # KN19
Description  Short-travel main switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KN19 Datasheet(HTML) 2 Page - ITT Industries

  KN19 Datasheet HTML 1Page - ITT Industries KN19 Datasheet HTML 2Page - ITT Industries KN19 Datasheet HTML 3Page - ITT Industries KN19 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stock items are marked
by bold printed order numbers.
4 - 76
PCB Keyswitches
4
KN
19
KN 19 short-travel main switch
KN 19 short-travel main switch
Technical data
General information
Recommended key grid
19.05 x 38.1 mm
Dimensions
Length
37.8 mm
Width
18.8 mm
Overall height
9.7 mm
Mechanical design
Mounting
on PCB
Terminals
solder terminals
Contact system
snap-action bridge contact
Contact arrangement
see order block
Contact materials
Ag
Illumination
1 LED (max. 3 mm)
possible
Degree of protection
IP40
Hot wire ignition acc.
to IEC 60695-2-1
850 °C
Mechanical characteristics
Operating force max.
9±3 N
Operating travel
0,55±0,15 mm
Robustness max.
100 N
Electrical characteristics
Rated voltage min. DC
12 V
Rated voltage min. AC
12 V
Rated voltage max. AC
250 V
Rated voltage max. DC
50 V
Ohmic load AC
6 A
Ohmic load DC min.
0.1 A
Ohmic load DC max.
10 A
Contact resistance when
new max.
50 m
Capacity input current
AC max.
100 A
Rated motor current AC
4 A
Rated filament lamp
current AC
2.4 A
Bouncing time max.
10 ms
Other specifications
Ambient temp. operating
min.
-25 °C
Ambient temp. operating
max.
+70 °C
Storage temperature min.
-40 °C
Storage temperature max.
+80 °C
Resistance to constant
environment
according to
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
according to
IEC 600 68-2-14 and 2-33
Approvals
ENEC, UL and CSA
Acc. to norm
VDE:0630,0750; IEC:1058-
1,601-1; EN:61058,60601-1
Operating life AC
AC 250 V: 200000 /2A;
100000 /6A
Operating life DC
50000(10A/50V=)
Soldering time max.
3 sec.
Soldering temperature
max.
350 °C
Defintion of flame class
UL 94 VO
General data
The KN 19 makes it possible to implement a power switch directly in a low-profile data entry system. This eliminates the
need for extra switches on the device and additional openings in the overlay. In this way, you can achieve an optimum of
safety and a consistent design.
The contact opening widths comply with the VDE standards. The KN 19 can also be employed underneath RK 90 keycaps.
Other actuation functions (momentary, latching/momentary) available on request.


Similar Part No. - KN19

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
KN10EGR CIT-KN10EGR Datasheet
135Kb / 2P
   CIT SWITCH
KN10EGT CIT-KN10EGT Datasheet
135Kb / 2P
   CIT SWITCH
KN10RGR CIT-KN10RGR Datasheet
135Kb / 2P
   CIT SWITCH
KN10RGT CIT-KN10RGT Datasheet
135Kb / 2P
   CIT SWITCH
logo
Tyco Electronics
KN1250A1/4 MACOM-KN1250A1/4 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
More results

Similar Description - KN19

ManufacturerPart #DatasheetDescription
logo
C&K Components
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
KSC-SLT CK-COMPONENTS-KSC-SLT Datasheet
331Kb / 2P
   Long Travel Tact Switch
20 Apr 21
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
   2mm Travel Miniature Sized Slide Switch
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
SHINMEI ELECTRIC CO., L...
SLG-22-465 SHINMEI-SLG-22-465 Datasheet
99Kb / 3P
   3mm Travel Medium Current Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
   2mm Travel Thin Type Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
   2mm Travel Miniature Sized Slide Switch
logo
ITT Industries
KST ITT-KST Datasheet
165Kb / 2P
   Long Travel Tact Switch for SMT
logo
C&K Components
KST CK-COMPONENTS-KST_V01 Datasheet
301Kb / 2P
   Long Travel Tact Switch for SMT
14 nov 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com