Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR92AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BFR92AT
Description  NPN 5 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR92AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BFR92AT Datasheet HTML 7Page - NXP Semiconductors BFR92AT Datasheet HTML 8Page - NXP Semiconductors BFR92AT Datasheet HTML 9Page - NXP Semiconductors BFR92AT Datasheet HTML 10Page - NXP Semiconductors BFR92AT Datasheet HTML 11Page - NXP Semiconductors BFR92AT Datasheet HTML 12Page - NXP Semiconductors BFR92AT Datasheet HTML 13Page - NXP Semiconductors BFR92AT Datasheet HTML 14Page - NXP Semiconductors BFR92AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Mar 28
11
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92AT
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
0.30
0.15
0.25
0.10
1.8
1.4
0.9
0.7
0.5
e
1
1.75
1.45
0.2
v
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.23
0.13
SOT416
SC-75
w M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
A
B
B
v M A
0
0.5
1 mm
scale
A
0.95
0.60
c
X
12
3
Plastic surface mounted package; 3 leads
SOT416
97-02-28


Similar Part No. - BFR92AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92A PHILIPS-BFR92A Datasheet
118Kb / 12P
   NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
218Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 29-Apr-05
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
Vishay Siliconix
BFR92A VISHAY-BFR92A Datasheet
261Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
logo
Seme LAB
BFR92A SEME-LAB-BFR92A Datasheet
484Kb / 4P
   SMALL SIGNAL NPN RF TRANSISTOR
More results

Similar Description - BFR92AT

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com