Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL-150URO Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KL-150URO
Description  PRODUCT SPECIFICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KL-150URO Datasheet(HTML) 9 Page - COSMO Electronics Corporation

  KL-150URO Datasheet HTML 1Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 2Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 3Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 4Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 5Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 6Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 7Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 8Page - COSMO  Electronics Corporation KL-150URO Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRODUCT SPECIFICATION
DATE: 05/25/2004
NO. 61L30008
cosmo
ELECTRONICS CORPORATION
SMD LED :
KL-150URO
SHEET 9 OF 9
REV.
1
SMD HANDLING AND APPLICATION PRECAUTIONS
STORAGE
(1.1)It is recommended to store the devices in accordance with the following
conditions:
Humidity: 60%RH Max.
Temperature: 5℃~30℃ (41℉~86℉)
(1.2)Shelf life in sealed bag: 12 month at <5℃~30℃ and <30%RH.
After the package is opened, the products should be used within 72hrs.
Or they should be kept at ≦20%RH in zip -locked sealed bags.
DRY PACK AND BAKING
SMD LEDs are MOISTURE SENSITIVE devices. Avoid absorbing moisture
at any time during transportation and/or storage. It is recommended to bake
before soldering when the pack is unsealed after 72 hrs, or any suspicious
moisture being found. Bake devices in accordance with the following conditions:
(a) 60±3℃ x (12~24hrs) and <5%RH, taped reel type
(b) 100±3℃ x (45min~1hr), loose packing type, or
(c) 130±3℃ x (15~30min), loose packing type
ELECTRIC STATIC DISCHARGE(ESD) PROTECTION
Materials with GaN, InGaN, AlInGaP are STATIC SENSITIVE devices. They will be
packed in anti-static bags. ESD protection must be deliberatively observed from the
initial design stage. The static -electric discharge may result in severe malfunction of
the devices. In the events of manual working in process, make sure the devices are
well protected from ESD at any time. Surge before and during handling products.


Similar Part No. - KL-150URO

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL-150UYG COSMO-KL-150UYG Datasheet
178Kb / 9P
   SMD HANDLING AND APPLICATION PRECAUTIONS
More results

Similar Description - KL-150URO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com