Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15R5 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # 15R5
Description  30 AMP EPION II HIGH SPEED RECTIFIER 50-150 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

15R5 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  15R5 Datasheet HTML 1Page - Solid States Devices, Inc 15R5 Datasheet HTML 2Page - Solid States Devices, Inc 15R5 Datasheet HTML 3Page - Solid States Devices, Inc 15R5 Datasheet HTML 4Page - Solid States Devices, Inc 15R5 Datasheet HTML 5Page - Solid States Devices, Inc 15R5 Datasheet HTML 6Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 15R5

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
15R0J OHMITE-15R0J Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Satco Products, Inc.
15R30/27 SATCO-15R30/27 Datasheet
124Kb / 1P
   15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 2-pack
15R30/27/GU24 SATCO-15R30/27/GU24 Datasheet
126Kb / 2P
   15 watt; R30 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
15R30/41 SATCO-15R30/41 Datasheet
125Kb / 1P
   15 watt; R30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
15R30/50 SATCO-15R30/50 Datasheet
125Kb / 1P
   15 watt; R30 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 15R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5RO ETC1-5RO Datasheet
240Kb / 6P
   1 AMP EPION II HIGH SPEED RECTIFIER
logo
Solid States Devices, I...
SDR305 SSDI-SDR305 Datasheet
203Kb / 2P
   30 AMP 50-150 VOLTS 50 nsec ULTRA FAST RECTIFIER
2N5330 SSDI-2N5330 Datasheet
257Kb / 2P
   30 AMP HIGH SPEED NPN TRANSISTOR 150 VOLTS
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
   30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
   150 AMP 30 VOLTS SCHOTTKY RECTIFIER
5R6S SSDI-5R6S Datasheet
202Kb / 2P
   50 AMP 50-150 VOLTS 50nsec RECTIFIER
15R6N SSDI-15R6N Datasheet
219Kb / 2P
   50 AMP 150 VOLTS 50 nsec RECTIFIER
15R6M SSDI-15R6M Datasheet
223Kb / 2P
   50 AMP 150 VOLTS 50 nsec RECTIFIER
1N7066 SSDI-1N7066 Datasheet
213Kb / 2P
   10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
15R6CT-3 SSDI-15R6CT-3 Datasheet
209Kb / 2P
   50 AMP 150 VOLTS 50 nsec CENTERTAP RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com