Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS11R23CBE Datasheet(PDF) 3 Page - ITT Industries

Part # KS11R23CBE
Description  Single Pole Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KS11R23CBE Datasheet(HTML) 3 Page - ITT Industries

  KS11R23CBE Datasheet HTML 1Page - ITT Industries KS11R23CBE Datasheet HTML 2Page - ITT Industries KS11R23CBE Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.ittcannon.com
E–25
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
E
TERMINATION
C PC THRU-HOLE
4,04
(.159)
1,14 STANDOFF
(.045)
1,02 TYP.
(.040)
0,41 THK.
(.016)
PC MOUNTING
MULTIPLE SWITCH SPACING
.500
(12,70)
.500
(12,70)
2,54
(.100)
5,08
(.200)
2,39
(.094)
2,39
(.094)
ø1,22 TYP.
(.048)
2,54
(.100)
2,54
(.100)
2,54
(.100)
2,54
(.100)
2,54
(.100)
2,54
(.100)
2,39
(.094)
2,39
(.094)
2,54
(.100)
5,08
(.200)
ø1,22 TYP.
(.048)
CONTACT MATERIAL
SEAL
D NO EPOXY SEAL
E EPOXY SEAL
KS
Single Pole Key Switches
OPTION
CONTACT
TERMINAL
CODE
MATERIAL
PLATING
RATINGS
Q
SILVER2
SILVER2
POWER
25 mA MAX. @ 50 V AC OR DC MAX.
B
GOLD1
GOLD1
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
G
GOLD/SILVER3
GOLD1
LOW LEVEL/DRY CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX. OR 25 mA MAX. @
50 V AC OR DC MAX.
1) MOVABLE CONTACT: Stainless steel, with gold plate over nickel plate.
STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over
nickel plate.
2) MOVABLE CONTACT: Stainless steel, silver plated.
STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
3) MOVABLE CONTACT: Stainless steel, with gold plate over nickel plate over silver plate.
STATIONARY CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel
plate over silver plate.
EPOXY
KS11
KS12
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: ww.ittcannon.com/rohs.


Similar Part No. - KS11R23CBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
KS11R22C CK-COMPONENTS-KS11R22C Datasheet
167Kb / 3P
   Single Pole Key Switches
KS11R22CD CK-COMPONENTS-KS11R22CD Datasheet
167Kb / 3P
   Single Pole Key Switches
KS11R22CQ CK-COMPONENTS-KS11R22CQ Datasheet
167Kb / 3P
   Single Pole Key Switches
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
logo
List of Unclassifed Man...
KS11R27CQD ETC1-KS11R27CQD Datasheet
33Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
More results

Similar Description - KS11R23CBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
KS CK-COMPONENTS-KS Datasheet
153Kb / 3P
   Single Pole Key Switches
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
   Single Pole and Multi-Key Pushbutton Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
Carling Technologies
2FA54-73 CARLINGTECH-2FA54-73 Datasheet
435Kb / 3P
   Single Pole Toggle Switches
logo
Micronetics, Inc.
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
   SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com