Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1464AV33-167BGC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1464AV33-167BGC
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1464AV33-167BGC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1464AV33-167BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1464AV33-167BGC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PRELIMINARY
CY7C1460AV33
CY7C1462AV33
CY7C1464AV33
Document #: 38-05353 Rev. *A
Page 8 of 27
driven HIGH on the subsequent clock rise, the chip enables
(CE1, CE2, and CE3) and WE inputs are ignored and the burst
counter is incremented. The correct BW (BWa,b,c,d,e,f,g,h for
CY7C1464AV33 , BWa,b,c,d for CY7C1460AV33 and BWa,b for
CY7C1462AV33) inputs must be driven in each cycle of the
burst write in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive
for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
> V
DD − 0.2V
100
mA
tZZS
Device operation to ZZ
ZZ
> V
DD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
< 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[1, 2, 3, 4, 5, 6, 7]
Operation
Address
Used
CE
ZZ
ADV/LD
WE
BWx
OE
CEN
CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L-H
Tri-State
Continue
Deselect Cycle
None
X
L
H
X
X
X
L
L-H
Tri-State
Read Cycle
(Begin Burst)
External
L
L
L
H
X
L
L
L-H
Data Out (Q)
Read Cycle
(Continue Burst)
Next
X
L
H
X
X
L
L
L-H
Data Out (Q)
NOP/Dummy Read
(Begin Burst)
External
L
L
L
H
X
H
L
L-H
Tri-State
Dummy Read
(Continue Burst)
Next
X
L
H
X
X
H
L
L-H
Tri-State
Write Cycle
(Begin Burst)
External
L
L
L
L
L
X
L
L-H
Data In (D)
Write Cycle
(Continue Burst)
Next
X
L
H
X
L
X
L
L-H
Data In (D)
NOP/WRITE ABORT
(Begin Burst)
None
L
L
L
L
H
X
L
L-H
Tri-State
WRITE ABORT
(Continue Burst)
Next
X
L
H
X
H
X
L
L-H
Tri-State


Similar Part No. - CY7C1464AV33-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1464AV33-167BGC CYPRESS-CY7C1464AV33-167BGC Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1464AV33-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com