Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D108J12B215DQF Datasheet(PDF) 2 Page - ITT Industries

Part # D108J12B215DQF
Description  Miniature Snap-in Power Rocker Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D108J12B215DQF Datasheet(HTML) 2 Page - ITT Industries

  D108J12B215DQF Datasheet HTML 1Page - ITT Industries D108J12B215DQF Datasheet HTML 2Page - ITT Industries D108J12B215DQF Datasheet HTML 3Page - ITT Industries D108J12B215DQF Datasheet HTML 4Page - ITT Industries D108J12B215DQF Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K D Series
Miniature Snap-in Power Rocker Switches
SWITCH FUNCTION
ACTUATOR SHOWN IN POSITION 1
DPST
DPDT
OPEN
1-1B, 2-2B
N/A
OPEN
N/A
1-1A, 2-2A
OFF
ON
NONE
NONE
OFF
NONE
ON
ON
MOM.
4
10
4
10
4
10
D202
D602
D201
D601
D203
D608
DP
SPST
SPDT
OPEN
1-1B
N/A
OPEN
N/A
1-1A
OFF
ON
MOM.
ON
NONE
NONE
OFF
OFF
NONE
ON
ON
MOM.
MOM.
4
10
4
10
4
10
4
4
10
D102
D502
D101
D501
D103
D503
D105
D108
D508
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
AMP
RATING*
MODEL
NO.
NO.
POLES
DPDT
SPDT
Part number shown: D101J12S215QA
Part number shown: D201J12S215QA
MOM. = Momentary
*AMP RATING: D10X and D20X models: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC. D50X and D60X models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC.
All models
. DX01, DX02 models also available with
. See CONTACT MATERIALS, page H-68.
1
1A
1
1A
1B
1A
1B
1
2
1A
2A
1
2
1A
1B
2A
2
H–63


Similar Part No. - D108J12B215DQF

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D108 MPD-D108 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&K Components
D108 CK-COMPONENTS-D108 Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
Tyco Electronics
D10801-000 MACOM-D10801-000 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
Nell Semiconductor Co.,...
D1080B NELLSEMI-D1080B Datasheet
1Mb / 2P
   STANDARD RECOVERY DIODE
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
More results

Similar Description - D108J12B215DQF

ManufacturerPart #DatasheetDescription
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com