Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-322MC Datasheet(PDF) 1 Page - Rohm

Part # SLR-322MC
Description  Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-322MC Datasheet(HTML) 1 Page - Rohm

  SLR-322MC Datasheet HTML 1Page - Rohm SLR-322MC Datasheet HTML 2Page - Rohm SLR-322MC Datasheet HTML 3Page - Rohm SLR-322MC Datasheet HTML 4Page - Rohm SLR-322MC Datasheet HTML 5Page - Rohm SLR-322MC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FExternal dimensions (Units: mm)
55
LED lamps
Reflecting small LEDs, directly
mountable (
φ3.1 mm
2 mm)
SLR-322 Series
The SLR-322 series are small 3.1 mm
2 mm LEDs
which can be directly mounted on a printed circuit board.
Four colors and two lens types are available for a total of
eight types, and they are suitable for use in a wide variety
of applications.
FFeatures
1) Can be directly mounted on a printed circuit board
with an automatic insertion machine.
2) Four colors : red, orange, yellow and green.
3) Two lens types : Colored diffused and Colored clear.
4) Compact 3.1 mm
2 mm epoxy resin package.
5) High reliability.
FSelection guide
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - SLR-322MC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
SLR-325DC ROHM-SLR-325DC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325DU ROHM-SLR-325DU Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MC ROHM-SLR-325MC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-325MG ROHM-SLR-325MG Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
More results

Similar Description - SLR-322MC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
SLR-343 ROHM-SLR-343_1 Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SPR-325 ROHM-SPR-325 Datasheet
78Kb / 3P
   Directly mountable, two-color LEDs (過5.0 mm)
SPR-505 ROHM-SPR-505 Datasheet
77Kb / 3P
   Directly mountable, two-color LEDs (過5.0 mm)
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
SLR-37MG3F ROHM-SLR-37MG3F Datasheet
303Kb / 9P
   LED, reflecting, high brightness, 3.0 mm
SLA-560 ROHM-SLA-560 Datasheet
136Kb / 4P
   High luminance, small LEDs f5.0 mm
logo
ILSI America LLC
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Isahaya Electronics Cor...
VLA553-01R ISAHAYA-VLA553-01R Datasheet
1Mb / 13P
   Directly mountable on the New?륪PD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com