Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT22J1RB202DQA7 Datasheet(PDF) 4 Page - ITT Industries

Part # DT22J1RB202DQA7
Description  Miniature Double Pole Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DT22J1RB202DQA7 Datasheet(HTML) 4 Page - ITT Industries

  DT22J1RB202DQA7 Datasheet HTML 1Page - ITT Industries DT22J1RB202DQA7 Datasheet HTML 2Page - ITT Industries DT22J1RB202DQA7 Datasheet HTML 3Page - ITT Industries DT22J1RB202DQA7 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTION
CODE
CONTACT AND
TERMINAL MATERIAL
RATINGS
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
QA
SILVER
POWER
8 AMPS @ 125 VAC; 4 AMPS @ 250 VAC (UL/CSA)
QF *
SILVER
POWER
10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE)
QH*
SILVER
POWER
16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC
www.ittcannon.com
H–70
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
TERMINATION
DT Series
Miniature Double Pole Rocker Switches
ACTUATOR MARKING
CONTACT MATERIAL
LAMP RATING
(NONE) NO LAMP
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
NONE NO MARKING
D ON-OFF
H O-l
N LARGE DOT
P O –
NOTE:
Orientation of actuator marking and terminals.
A RIGHT ANGLE, PC THRU-HOLE
NOTE:
No VDE approval of this option.
.394
(10,0)
.708
(18,0)
.256
(6,5)
.049
(1,3)
.031
(0,8)
*1 QF available with termination 15 only.
H
NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
YES
YES
YES
YES
YES
YES


Similar Part No. - DT22J1RB202DQA7

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DT221UGK DALLAS-DT221UGK Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH DALLAS-DT221URH Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URH-N DALLAS-DT221URH-N Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URK-NPS DALLAS-DT221URK-NPS Datasheet
2Mb / 7P
   An economical means of transferring power
DT221URKPS DALLAS-DT221URKPS Datasheet
2Mb / 7P
   An economical means of transferring power
More results

Similar Description - DT22J1RB202DQA7

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
CN201J12S21505Q ITT-CN201J12S21505Q Datasheet
163Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
C&K Components
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com