Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3191JRQZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3191JRQZ-RL
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191JRQZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3191JRQZ-RL Datasheet HTML 3Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 4Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 5Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 6Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 7Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 8Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 9Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 10Page - Analog Devices ADP3191JRQZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP3191
Rev. 0 | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS
2.8
0
RT (kΩ)
0
50
100
150
200
250
300
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
Figure 3. Master Clock Frequency vs. RT
250kΩ
1.25V
1
µF
100nF
100nF
ADP3191
ADP3191A
VID4
VID3
VID2
VID1
VID0
VID5
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
1
2
3
28
27
26
4
8
10
12
14
5
6
7
21
24
23
22
9
11
17
18
19
13
15
16
20
25
6-BIT CODE
250kΩ
20kΩ
1kΩ
12nF
12V
+
240Ω
5V
ADP3191A
ADP3191
Figure 4. Closed-Loop Output Voltage Accuracy
CSSUM
CSCOMP
VCC
CSREF
GND
39kΩ
100nF
1kΩ
1.0V
ADP3191
VOS =
CSCOMP – 1V
40
12V
300Ω
18
17
28
16
19
Figure 5. Current Sense Amplifier VOS
CSSUM
18
CSCOMP
17
28
VCC
CSREF
16
GND
19
200kΩ
100nF
1.0V
ADP3191/ADP3191A
ΔV
12V
240Ω
5V
ADP3191A
ADP3191
200kΩ
ΔVFB = FBΔV = 80mV – FBΔV = 0mV
Figure 6. Positioning Voltage


Similar Part No. - ADP3191JRQZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3191JRQZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com