Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3191AJRUZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3191AJRUZ-RL
Description  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3191AJRUZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADP3191AJRUZ-RL Datasheet HTML 1Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 2Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 3Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 4Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 5Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 6Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 7Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 8Page - Analog Devices ADP3191AJRUZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP3191
Rev. 0 | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 250 kΩ
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/μA
DELAY Normal Mode Voltage
VDELAY(NM)
RDELAY = 250 kΩ
2.8
3
3.3
V
DELAY Overcurrent Threshold
VDELAY(OC)
RDELAY = 250 kΩ
1.6
1.9
2.2
V
Latch-Off Delay Time
tDELAY
RDELAY = 250 kΩ, CDELAY = 12 nF
1.5
ms
SOFT START
Output Current, Soft Start Mode
IDELAY(SS)
During startup, DELAY < 2.8 V
15
20
25
μA
Soft Start Delay Time
tDELAY(SS)
RDELAY = 250 kΩ, CDELAY = 12 nF,
VID code = 011111
1
ms
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Input Current
IIL(EN)
–1
+1
μA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
–180
–250
–300
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
230
300
370
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
225
400
mV
Power Good Delay Time
During Soft Start
RDELAY = 250 kΩ, CDELAY = 12 nF,
VID code = 011111
1
ms
VID Code Changing
100
250
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
270
300
350
mV
Crowbar Reset Point
Relative to FBRTN
620
730
840
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
Blanking time
100
250
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = –400 μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = +400 μA
4.0
5
V
SUPPLY—ADP3191
VSYSTEM = 12 V, RSHUNT = 300 Ω, see Figure 4
VCC
VCC
4.75
5
V
DC Supply Current
20
30
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.3
7
8.0
V
UVLO Hysteresis
0.9
V
SUPPLY—ADP3191A
VSYSTEM = 5 V, RSHUNT = 10 Ω, see Figure 4
VCC
VCC
4.75
5
V
DC Supply Current
7
12
mA
UVLO Threshold Voltage
VUVLO
VCC rising
3.7
4.0
4.3
V
UVLO Hysteresis
0.9
V
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2 Guaranteed by design, not production tested.
3 Relative current matching from each phase to the average of all four phases.


Similar Part No. - ADP3191AJRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3191AJRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com