Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO315C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSO315C
Description  SIPMOS Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO315C Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSO315C Datasheet HTML 1Page - Infineon Technologies AG BSO315C Datasheet HTML 2Page - Infineon Technologies AG BSO315C Datasheet HTML 3Page - Infineon Technologies AG BSO315C Datasheet HTML 4Page - Infineon Technologies AG BSO315C Datasheet HTML 5Page - Infineon Technologies AG BSO315C Datasheet HTML 6Page - Infineon Technologies AG BSO315C Datasheet HTML 7Page - Infineon Technologies AG BSO315C Datasheet HTML 8Page - Infineon Technologies AG BSO315C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1999-09-22
Page 2
Preliminary data
BSO 315 C
Termal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Thermal resistance, junction - soldering point
(Pin 5, 6, 7, 8)
N
P
RthJS
-
-
-
-
40
40
K/W
SMD version, device on PCB:
@ min. footprint; t
≤ 10 sec.
@ 6 cm2 cooling area 1); t
≤ 10 sec.
@ min. footprint; t
≤ 10 sec.
@ 6 cm2 cooling area 1); t
≤ 10 sec.
N
N
P
P
RthJA
-
-
-
-
-
-
-
-
100
62.5
70
62.5
Static Characteristics, at
Tj = 25 °C, unless otherwise specified
Drain- source breakdown voltage
VGS = 0 V, ID = 250 µA
VGS = 0 V, ID = -250 µA
N
P
V(BR)DSS
30
-30
-
-
-
-
V
Gate threshold voltage,
VGS = VDS
ID = 20 µA
ID = -230 µA
N
P
VGS(th)
1.2
-1
1.6
-1.5
2
-2.0
Zero gate voltage drain current
VDS = 30 V, VGS = 0 V, Tj = 25 °C
VDS = 30 V, VGS = 0 V, Tj = 125 °C
VDS = -30 V, VGS = 0 V, Tj = 25 °C
VDS = -30 V, VGS = 0 V, Tj = 125 °C
N
N
P
P
IDSS
-
-
-
-
0.1
10
-0.1
-10
1
100
-1
-100
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
VGS = -20 V, VDS = 0 V
N
P
IGSS
-
-
10
-10
100
-100
nA
Drain-Source on-state resistance
VGS = 4.5 V, ID = 2.9 A
VGS = -4.5 V, ID = -1.8 A
N
P
RDS(on)
-
-
0.1
0.2
0.15
0.4
Drain-Source on-state resistance
VGS = 10 V, ID = 3.4 A
VGS = -10 V , ID = -2.3 A
N
P
RDS(on)
-
-
0.06
0.13
0.11
0.25
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm 2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - BSO315C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO300N03S INFINEON-BSO300N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO301 INFINEON-BSO301 Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-17
BSO301SP INFINEON-BSO301SP Datasheet
84Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-17
logo
VBsemi Electronics Co.,...
BSO301SP VBSEMI-BSO301SP Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
More results

Similar Description - BSO315C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com