Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2518 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2518
Description  3ohm, High Bandwidth, Dual SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2518 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2518 Datasheet HTML 1Page - Vishay Siliconix DG2518 Datasheet HTML 2Page - Vishay Siliconix DG2518 Datasheet HTML 3Page - Vishay Siliconix DG2518 Datasheet HTML 4Page - Vishay Siliconix DG2518 Datasheet HTML 5Page - Vishay Siliconix DG2518 Datasheet HTML 6Page - Vishay Siliconix DG2518 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 74333
S-61774-Rev. A, 11-Sep-06
Vishay Siliconix
DG2517/DG2518
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?74333.
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300
Ω
VINL
VINH
Figure 3. Charge Injection
Off
On
On
IN
ΔVOUT
VOUT
Q =
ΔVOUT x CL
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 - V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
NC or NO
Figure 4. Off-Isolation
IN
GND
NC or NO
0 V, 2.0 V
10 nF
COM
Off Isolation = 20 log
V
COM
V
NO NC
RL
Analyzer
V+
V+
COM
Figure 5. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.0 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+


Similar Part No. - DG2518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2518 VISHAY-DG2518 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2518 VISHAY-DG2518 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DQ-T1-E3 VISHAY-DG2518DQ-T1-E3 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
More results

Similar Description - DG2518

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAS4717Q WILLSEMI-WAS4717Q Datasheet
1Mb / 9P
   660MHz Bandwidth, 3ohm Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
   2.5 , High Bandwidth, Dual SPDT Analog Switch
Rev. A, 27-Mar-17
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com