Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2518 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2518
Description  3ohm, High Bandwidth, Dual SPDT Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2518 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2518 Datasheet HTML 1Page - Vishay Siliconix DG2518 Datasheet HTML 2Page - Vishay Siliconix DG2518 Datasheet HTML 3Page - Vishay Siliconix DG2518 Datasheet HTML 4Page - Vishay Siliconix DG2518 Datasheet HTML 5Page - Vishay Siliconix DG2518 Datasheet HTML 6Page - Vishay Siliconix DG2518 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 74333
S-61774-Rev. A, 11-Sep-06
www.vishay.com
3
Vishay Siliconix
DG2517/DG2518
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 5 V, ± 10 %, VIN = 0.8 or 2.0 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 4.2 V, VCOM = 3.5 V, INO/NC = 10 mA
Room
Full
34.0
4.3
Ω
rON Flatness
rON
Flatness
V+ = 4.2 V, VCOM = 1, 2, 3.5 V
INO/NC = 10 mA
Room
Full
1.1
1.4
1.6
rON Match Between Channels
Δr
ON
V+ = 4.2 V, VCOM = 3.5 V, INO/NC = 10 mA
Room
Full
0.1
0.3
0.4
Switch Off Leakage Current
INO(off),
INC(off)
V+ = 5.5 V
VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Current
ICOM(on)
V+ = 5.5 V, VCOM = VNO, VNC = 1 V/4.5 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltaged
VINH
Full
2.0
V
Input Low Voltage
VINL
Full
0.8
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 V or V+
Full
1
1
µA
Dynamic Characteristics
Turn-On Time
tON
V+ = 4.2 V, VNO or VNC = 3 V
RL = 300 Ω, CL = 35 pF
Room
Full
12
25
45
ns
Turn-Off Time
tOFF
Room
Full
820
30
Break-Before-Make Time
td
VNO or VNC = 3 V, RL = 300 Ω, CL = 35 pF
Full
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 2.5 V, RGEN = 0 Ω
Room
2
pC
- 3 dB Bandwidth
BW
0 dBm, CL = 5 pF, RL = 50 Ω
Room
157
MHz
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Room
- 67
dB
f = 10 MHz
Room
- 47
Crosstalkd
XTALK
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Room
- 67
f = 10 MHz
Room
- 47
Source-Off Capacitanced
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
8
pF
CNC(off)
Room
8
Channel-On Capacitanced
CNO(on)
Room
35
CNC(on)
Room
35
Power Supply
Power Supply Range
V+
1.8
5.5
V
Power Supply Current
I+
VIN = 0 or V+
Full
0.01
1.0
µA


Similar Part No. - DG2518

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2518 VISHAY-DG2518 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2518 VISHAY-DG2518 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2518DN-T1-E4 VISHAY-DG2518DN-T1-E4 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2518DQ-T1-E3 VISHAY-DG2518DQ-T1-E3 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
More results

Similar Description - DG2518

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAS4717Q WILLSEMI-WAS4717Q Datasheet
1Mb / 9P
   660MHz Bandwidth, 3ohm Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Vishay Siliconix
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
   2.5 , High Bandwidth, Dual SPDT Analog Switch
Rev. A, 27-Mar-17
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
   3-廓, High Bandwidth, Dual SPDT Analog Switch
01-Jan-2022
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
   3-Ω, High Bandwidth, Dual SPDT Analog Switch
Rev. B, 27-Oct-08
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
ON Semiconductor
NLAS4717 ONSEMI-NLAS4717 Datasheet
96Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
April, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com