Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC2245APY Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74LVC2245APY
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC2245APY Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVC2245APY Datasheet HTML 1Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 2Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 3Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 4Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 5Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 6Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC2245A
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PIN CONFIGURATION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
SOIC/ SSOP/ QSOP/ TSSOP
TOP VIEW
2
3
1
A1
VCC
16
15
14
B4
B3
B5
B1
B2
11
B7
B6
B8
19
18
20
17
13
12
DIR
5
6
A6
7
A4
A5
4
A2
A3
8
9
GND
10
A7
A8
OE
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Inputs
OE
DIR
Outputs
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Isolation
FUNCTION TABLE(1)
Pin Names
Description
OE
Output Enable Input (Active LOW)
DIR
Direction Control Output
A x
Side A Inputs or 3-State Outputs
B x
Side B Inputs or 3-State Outputs
PIN DESCRIPTION


Similar Part No. - IDT74LVC2245APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC2244A IDT-IDT74LVC2244A Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244APG IDT-IDT74LVC2244APG Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244APY IDT-IDT74LVC2244APY Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244AQ IDT-IDT74LVC2244AQ Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2244ASO IDT-IDT74LVC2244ASO Datasheet
63Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC2245APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCR162245A IDT-IDT74LVCR162245A Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC162245A RENESAS-IDT74LVC162245A Datasheet
315Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A Datasheet
92Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVCR162245A RENESAS-IDT74LVCR162245A Datasheet
275Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
logo
Integrated Device Techn...
IDT74LVC162245A IDT-IDT74LVC162245A_08 Datasheet
1Mb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com