Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88154-113 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB88154-113
Description  Spread Spectrum Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88154-113 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB88154-113 Datasheet HTML 4Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 5Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 6Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 7Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 8Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 9Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 10Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 11Page - Fujitsu Component Limited. MB88154-113 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MB88154
8
■ RECOMMENDED OPERATING CONDITIONS
(VSS
= 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Pin
Conditions
Value
Unit
Min
Typ
Max
Power supply voltage
VDD
VDD
3.0
3.3
3.6
V
“H” level input voltage
VIH
XIN,
SEL0,
SEL1
VDD
× 0.80
VDD
+ 0.3
V
“L” level input voltage
VIL
VSS
VDD
× 0.20
V
Input clock duty cycle
tDCI
XIN
16.6 MHz to
67 MHz
40
50
60
%
Operating temperature
Ta
⎯⎯
− 40
+ 85
°C
XIN
ta
tb
1.5 V
Input clock duty cycle (tDCI
= tb/ta)


Similar Part No. - MB88154-113

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88154A FUJITSU-MB88154A Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88154A CYPRESS-MB88154A Datasheet
531Kb / 24P
   Spread Spectrum Clock Generator
MB88154APNF-G-103-JNEFE1 CYPRESS-MB88154APNF-G-103-JNEFE1 Datasheet
531Kb / 24P
   Spread Spectrum Clock Generator
MB88154APNF-G-103-JNERE1 CYPRESS-MB88154APNF-G-103-JNERE1 Datasheet
531Kb / 24P
   Spread Spectrum Clock Generator
MB88154APNF-G-112-JNE1 CYPRESS-MB88154APNF-G-112-JNE1 Datasheet
531Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88154-113

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com