Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDM-C29SH001B Datasheet(PDF) 1 Page - ITT Industries

Part # TMDM-C29SH001B
Description  Microminiature Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TMDM-C29SH001B Datasheet(HTML) 1 Page - ITT Industries

  TMDM-C29SH001B Datasheet HTML 1Page - ITT Industries TMDM-C29SH001B Datasheet HTML 2Page - ITT Industries TMDM-C29SH001B Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microminiature Connectors
Filter-TMDM
25
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
With an increasing number of MDM connec-
tors being used in avionics and military equip-
ment and with increasing emphasis being put
on EMI, RFI and EMP shielding, Cannon have
developed a range of filter connectors to suit
most applications.
The TMDM receptacle accommodates from 8
to 37 sizes, 24 AWG socket contacts on 1,27
(.050) centres and mates with the standard
MDM plugs.
Features
Transverse monolith filter for EMI and RFI
shielding.
Rugged aluminum one piece shell.
Silicone interfacial environmental seal.
Glass filled diallyl phthalate insulator.
A variety of filter types for each pin.
Specifications
Standard materials & finishes
Shell
Aluminum alloy per QQ-A-200/8 with electroless nickel finish per QQ-N-290
Insulator
Glass filled diallyl phthalate per MIL-M-14. Type SDGF
Contact, socket
Copper alloy, 50 microinch gold per MIL-G-45204, Type ll, Class l
Interfacial seal
Silicone base rubber
ELECTRICAL DATA
No. of contacts
9 to 37
Dielectric withstanding voltage
300 VAC
Insulation resistance
5000 Mohm at 100 VDC
Voltage rating (working)
100 VDC
Current rating
3 amps max.
Maximum capacitance
250, 500, 1000, 2000 picofarads
Filter type
C
MECHANICAL FEATURES
Size or length
6 sizes
Coupling
Friction/jackscrews
Polarization
Keystone shaped shell
Contact spacing
.050 (1,27) centers
Shell style
Single piece receptacle
How to Order
TMDM – C1
15
S
H
001 B-
*
Series
Filter type
Number of contacts
Contact style
Termination type
Termination/modifier code
Mounting code
Modification code
Series:
Filter TMDM - Micro “D” - Metal housing
Filter type:
“C” capacitor type
C1
150 - 250 pF capacitance
C2
300 - 500 pF capacitance
C3
700 - 1000 pF capacitance
C4
1300 - 2000 pF capacitance
Number of contacts:
9, 15, 21, 25, 31, 37 only
Contact style:
S - socket (receptacle)
P - Pin (plug)
Termination type:
H - harness, insulated solid or stranded wire
L - lead, solid uninsulated wire
Termination:
Consult standard wire termination code for lead
material and lead length
Mounting code:
A - Flange mounting, Ø.125 (3,18)
mounting holes
B - Flange mounting, Ø.092 (2,34)
mounting holes
L - Low profile (slotted head)
M2 - Allen head jackscrew assembly,
low profile
M3 - Allen head jackscrew assembly,
high profile
M5 - Slot head jackscrew assembly,
low profile
M6- Slot head jackscrew assembly,
high profile
M7 - Jacknut assembly
P - Jackpost
Modification code:
Shell finish MOD. Codes. *
To be assigned as required
* No number = Standard tin/lead finish


Similar Part No. - TMDM-C29SH001B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMD000510 TI1-TMD000510 Datasheet
661Kb / 44P
[Old version datasheet]   Powerful 16-Bit TMS320C511A CPU
logo
Toshiba Semiconductor
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A_07 Datasheet
100Kb / 3P
   MICROWAVE POWER MMIC AMPLIFIER
More results

Similar Description - TMDM-C29SH001B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDMH-51SS ITT-MDMH-51SS Datasheet
101Kb / 2P
   Microminiature Connectors
logo
Molex Electronics Ltd.
73415-0971 MOLEX2-73415-0971 Datasheet
493Kb / 4P
   MMCX Microminiature Connectors
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
logo
C&K Components
3401-029 CK-COMPONENTS-3401-029 Datasheet
400Kb / 20P
   3401-029 Microminiature MDM Connectors
340107701B9PYFO CK-COMPONENTS-340107701B9PYFO Datasheet
1Mb / 6P
   MDMA - Connectors, Electrical, Rectangular, Microminiature
340103102B12PFR116D1-4 CK-COMPONENTS-340103102B12PFR116D1-4 Datasheet
1Mb / 19P
   Microminiature Connectors Type MTB1 Space
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Hirose Electric
3260-8S1 HIROSE-3260-8S1 Datasheet
145Kb / 4P
   3200 SERIES SMT CONNECTORS FOR MICROMINIATURE INTERFACES
SR38-4P-3P HIROSE-SR38-4P-3P Datasheet
134Kb / 4P
   MICROMINIATURE HIGH-PERFORMANCE MODEL SR38 CIRCULAR CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com