Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1100FAME Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K1100FAME
Description  5V Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K1100FAME Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K1100FAME Datasheet HTML 1Page - List of Unclassifed Manufacturers K1100FAME Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-pin Package, Compatible with 14-pin DIL
1.5MHz to 100MHz Frequency Range
TTL/CMOS Compatible
Tight Symmetry (45/55%) Available
Tri-State Option Available
±100ppm Stability Standard - K1100FC
Tighter Stabilities Available
±25ppm Stability:- K1100FA
±50ppm Stability:- K1100FB
Case Ground for EMI Protection
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
K1100FA
Frequency Range (MHz)
1.5 to 125
Frequency Stability (ppm)
Overall
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±5%
Supply Current (mA)
<
70
Symmetry (%)
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
K1100FXXXX - Specify Frequency
“Blank” = Fixed Frequency
“E” = Tri-State
“Blank” = 0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = 40/60% Symmetry
“S” = 45/55 Symmetry
“A” ±25ppm Frequency Stability (Available 0/70oC only)
“B” = ±50 ppm Frequency Stability
“C” = ±100ppm Frequency Stability
K1100F Series
5V Crystal Clock Oscillators
K1100F
66.677
MHZ
CTI DA
TE CODE
20,7
mm
Max.
13,08
mm
Max.
PIN 1
5,08
mm
Max.
Output TTL/CMOS
“0” Level (VOL)
0.9 VCC
“1” Level (VOH)
0.1 VCC
Load
Up to 80MHz 50pF; >80MHz 30pF
TR & TF (ns)
<10
Jitter (Typical)
10ps RMS @ 100MHz
N/A
-40°C to 85°C
K1100FC
K1100FB
±50
±100
±100
±50


Similar Part No. - K1100FAME

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1100FAME MTRONPTI-K1100FAME Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
More results

Similar Description - K1100FAME

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
   5V Crystal Clock Oscillators
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
   5V Crystal Clock Oscillators
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1300 MTRONPTI-K1300 Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K500F ETC1-K500F Datasheet
414Kb / 2P
   5V Crystal Clock Oscillators
K1110D ETC1-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1144B ETC1-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
MTRONPTI
K1100F MTRONPTI-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K1144B MTRONPTI-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
K1149 MTRONPTI-K1149 Datasheet
118Kb / 2P
   5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com