Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69C433TQ15R Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM69C433TQ15R
Description  16K x 64 CAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69C433TQ15R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM69C433TQ15R Datasheet HTML 1Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 2Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 3Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 4Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 5Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 6Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 7Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 8Page - Motorola, Inc MCM69C433TQ15R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MCM69C433
•SCM69C433
5
MOTOROLA FAST SRAM
CAPACITANCE (Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Max
Unit
Input Capacitance
Cin
5
pF
I/O Capacitance
CI/O
8
pF
JUNCTION TO AMBIENT THERMAL CHARACTERISTICS
Board
Air (LFPM)
θJA (°C/W)
1 Layer
0
43
1 Layer
200
36
4 Layer
0
33
4 Layer
200
29
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ±5%, TJ < 120°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . . . . . .
CONTROL PORT TIMINGS
(Voltages Referenced to VSS = 0 V, Max’s are tKHKH Dependent and Listed Values are for tKHKH = 15 ns)
Parameter
Symbol
Min
Max
Unit
Notes
Address Valid to SEL Low
tAVSL
0
ns
DTACK Low to Address Invalid
tDTLAX
0
ns
Data Valid to Select Low
tDVSL
0
ns
DTACK Low to Data Invalid
tDTLDX
0
ns
Output Valid to DTACK Low
tQVDTL
2
ns
WE Valid to Select Low
tWVSL
0
ns
DTACK Low to WE High
tDTLWH
0
ns
WE High to Output Active
tWHQX
2
ns
Select Low to DTACK Low
tSLDTL
10
ns
1
Select High to DTACK High
tSHDTH
10
ns
DTACK Low to IRQ Low
tDTLIL
10
ns
IRQ Low to IRQ High
tILIH
20
ns
DTACK Low to Select High
tDTLSH
0
ns
DTACK High to Select Low
tDTHSL
0
ns
Address Valid to Output Valid
tAVQV
8
ns
Select High to Output High Impedance
tSHQZ
8
ns
RESET Low to RESET High
tRLRH
2 x tKHKH
ns
NOTE:
1. DTACK is delayed when a write is attempted during certain operations. See Functional Description.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MCM69C433TQ15R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
   16K x 64 CAM
MCM69C432TQ20 MOTOROLA-MCM69C432TQ20 Datasheet
246Kb / 20P
   16K x 64 CAM
MCM69C432TQ20R MOTOROLA-MCM69C432TQ20R Datasheet
246Kb / 20P
   16K x 64 CAM
More results

Similar Description - MCM69C433TQ15R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
   16K x 64 CAM
MCM69C232 MOTOROLA-MCM69C232 Datasheet
248Kb / 20P
   4K x 64 CAM
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C276 CYPRESS-CY7C276 Datasheet
140Kb / 9P
   16K x 16 Reprogrammable PROM
CY7C276 CYPRESS-CY7C276_06 Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com