Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB179 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90LVB179
Description  3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB179 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI90LVB179 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90LVB179 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
9
PS8540
05/01/01
PI90LVB179/PI90LVB180/
PI90LVB050/PI90LVB051
3.3V Boost LVDS High-Speed Differential Line Drivers & Receivers
Receiver (continued)
VID
VIRIN+
VIRIN+
VIRIN–
VIRIN–
VO
CL
10pF
VOH
VOL
1.4 V
VO
VID
1.4 V
1 V
0.4V
0V
– 0.4V
tPHL
tPLH
tr
tf
0.4V
2.4V
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2 ns. CL includes instrumentation and fixture capacitance within 0.06 m of the D.U.T.
Parameter Measurement Information
Figure 6. Timing Test Circuit and Waveforms


Similar Part No. - PI90LVB179

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
   3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
PI90LVB16L PERICOM-PI90LVB16L Datasheet
470Kb / 12P
   3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
More results

Similar Description - PI90LVB179

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179 Datasheet
242Kb / 14P
   3.3V LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com