Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN27C01055P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EN27C01055P
Description  EN27C010 1Megabit EPROM (128K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN27C01055P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EN27C01055P Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 10Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 11Page - List of Unclassifed Manufacturers EN27C01055P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EN27C010
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
8
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65
àC to +125àC
Ambient Temperature
with Power Applied
-40
àC to +85àC
Voltage with Respect to VSS
All pins except A9, VPP, VCC
-0.6V to VCC + 0.5V
A9, VPP
-0.6V to +13.5V
VCC
-0.6V to +7.0V
OPERATING RANGES
Commercial (C)
Case Temperature(Tc)
0
àC to +70àC
Industrial (I)
Case Temperature(Tc)
-40
àC to +85àC
Supply READ Voltages
+4.50V to +5.5V
(Functionality is guaranteed between these limits)
Stresses above those shown above may cause permanent damage to the device.
This is a stress rating only and
operation above these specifications for extended periods may affect device reliability. Operation outside the
"OPERATING RANGES" shown above voids any and all warranty provisions.
DC CHARACTERISTICS FOR READ OPERATION
Symbol
Parameter
Min.
Max.
Unit
Conditions
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.45
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC +0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-5
5
µA
VIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
µA
VOUT = 0 to 5.5V
ICC3
VCC Power -Down Current
10
µA
CE = VCC
± 0.3V
ICC2
VCC Standby Current
1.0
mA
CE = VIH
ICC1
VCC Active Current
30
mA
CE = VIL, f=5MHz,
IOUT = 0mA
IPP
VPP Supply Current Read
100
µA
CE = OE = VIL,
VPP = 5.5V
CAPACITANCE
Symbol
Parameter
Typ.
Max.
Unit
Conditions
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - EN27C01055P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245I ETC-EN27C51245I Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245II ETC-EN27C51245II Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245J ETC-EN27C51245J Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
EN27C51245JI ETC-EN27C51245JI Datasheet
106Kb / 12P
   512KBIT EPROM (64K x 8)
More results

Similar Description - EN27C01055P

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com