Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA02S1NZQD Datasheet(PDF) 5 Page - ITT Industries

Part # MA02S1NZQD
Description  Half-inch Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MA02S1NZQD Datasheet(HTML) 5 Page - ITT Industries

  MA02S1NZQD Datasheet HTML 1Page - ITT Industries MA02S1NZQD Datasheet HTML 2Page - ITT Industries MA02S1NZQD Datasheet HTML 3Page - ITT Industries MA02S1NZQD Datasheet HTML 4Page - ITT Industries MA02S1NZQD Datasheet HTML 5Page - ITT Industries MA02S1NZQD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L–16
L
C&K M Series
Half-inch Rotary Switches
SEAL
P/N 537100000
P/N 537202000
36º Indexing Models
Top View
30º Indexing Models
Top View
Fig. 1
Fig. 2
Fig. 3
36º Indexing Models
Top View
30º Indexing Models
Top View
Fig. 4
Fig. 5
Fig. 6
F
SPLASHPROOF SHAFT AND PANEL SEAL
D
NO EPOXY SEAL
Setting Stops With Stop Pins
MA00, MB00, MC00 & MD00 Models Only:
The number of switch positions or stops are adjustable by means of stop pins provided with each switch. Switches are normally
shipped with stop pins and hardware in bulk, not installed. Without stop pins, switches have full 360º rotation and no stops.
Note that all two pole models begin to repeat when actuated 180º or more.
To set stops, refer to figures 1 & 2. Orient switch so that terminal no. 1 is as shown. Turn actuator to position 1, using flats on
bushing and terminal no. 1 as reference. Install CCW stop pin in hole designated ‘X’. Install second stop pin in hole number
corresponding to the number of positions desired. Note that two pole models will begin to repeat when actuated 180º or more.
To retain stop pins, use adhesive mylar washer included; see figure 3.
All models except MX00 models have number of switch positions or stops pre-set at factory and are not adjustable.
Hardware:
Two stop pins, mounting nut, and lockwasher supplied standard.
Setting Stops With Stop Rings
ME00, MF00, MG00 & MH00 Models Only:
The number of switch positions or stops are adjustable by means of stop rings provided with each switch. These models are
normally shipped with stop rings and hardware in bulk, not installed. Without stop rings, switches have full 360º rotation and no
stops. Note that all two pole models begin to repeat when actuated 180º or more.
To set stops refer to figures 4 & 5. Orient switch so that terminal no. 1 is as shown. Turn actuator to pos. 1 using flats on bushing
and terminal no. 1 as reference. See figure 6 and install inner stop ring with short tab in hole designated ‘X’. Install outer
stop ring with long tab in hole number corresponding to the number of positions desired. Note that all two pole models begin to
repeat when actuated 180º or more. Use mounting nut and lockwasher to retain stop rings.
All MEXX, MFXX, MGXX & MHXX Models (Except MX00 models):
Number of switch positions or stops are preset at factory, but are user adjustable.
Hardware:
Two stop rings, mounting nut and lockwasher supplied standard.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - MA02S1NZQD

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA02 CK-COMPONENTS-MA02 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Tyco Electronics
MA02104AF MACOM-MA02104AF Datasheet
166Kb / 4P
   3.6V 1.2W RF Power Amplifier IC for N-PCS/ISM900
MA02107AF MACOM-MA02107AF Datasheet
143Kb / 4P
   3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R13 MACOM-MA02107AF-R13 Datasheet
143Kb / 4P
   3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF-R7 MACOM-MA02107AF-R7 Datasheet
143Kb / 4P
   3.4 V, 1.2 W RF Power Amplifier IC
More results

Similar Description - MA02S1NZQD

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
   Half-inch Rotary Switches
M CK-COMPONENTS-M Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com