Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138AML Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 3 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
104
Revision: 25-Oct-06
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
Table 1
Note
1. Detailed tape dimensions see section ‘PACKAGING’.
Table 2
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
∅ D x L
(mm)
CASE
CODE
AXIAL: FORM AA, BA, and BR
MASS
(g)
PACKAGING QUANTITIES
∅ dI
∅ D
max
Lmax
Fmin
FORM
AA
FORM
BA
FORM
BR
6.3 x 12.7
(2)
0.6
6.5
12.9
17.5
≈ 1.1
-
1000
1000
7.7 x 12.7
(3)
0.6
7.9
12.9
17.5
≈ 1.3
-
500
500
6.5 x 18
4
0.8
6.9
18.5
25
≈ 1.3
-
1000
1000
8x18
5
0.8
8.5
18.5
25
≈ 1.7
-
500
500
10 x 18
6
0.8
-
10.5
18.5
25
≈ 2.5
-
500
500
10 x 25
7
0.8
-
10.5
25.0
30
≈ 3.3
-
500
500
10 x 30
00
0.8
55 ±1
10.5
30.5
35
≈ 4.8
340
-
500
12.5 x 30
01
0.8
55 ±1
13.0
30.5
35
≈ 7.4
260
-
400
15 x 30
02
0.8
55 ±1
15.5
30.5
35
≈ 11.7
200
-
250
18 x 30
03
0.8
55 ±1
18.5
30.5
35
≈ 12.9
120
-
-
18 x 38
04
0.8
34 ±1
18.5
39.0
44
≈ 19.0
125
-
-
21 x 38
05
0.8
34 ±1
21.5
39.0
44
≈ 24.0
100
-
-
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
∅ D x L
CASE
CODE
MOUNTING RING: FORM MR
MASS
(g)
PACKAGING
QUANTITIES
∅ d1
∅ d2
∅ D
max
∅ D2
max
D3
Lmax
15 x 30
02
0.8
1.0 + 0.4
15.5
17.5
16.5 ± 0.2
33
≈ 11.7
200
18 x 30
03
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
33
≈ 12.9
240
18 x 38
04
0.8
1.0 + 0.4
18.5
19.5
18.5 ± 0.2
42
≈ 19.0
100
21 x 38
05
0.8
1.0 + 0.4
21.5
22.5
21.5 ± 0.2
42
≈ 24.0
100
D
L
∅ D2
∅ d1
90
° ± 2°
(3
×)
3.6
+ 0.2
0.4
1
+ 1.0
- 0.5
1.05
+ 0.03
- 0.1
(3
×)
1.3
0
0.05
(3
×)
D3
d2
120
°
(3
×)
mounting holes
1.3
+ 0.1
0
(3
×)
-
-
Fig.5 Mounting hole diagram and outline; Form MR; mounting ring and pins
Form MR: case
∅ D x L = 15 x30to21 x 38 mm
Case not insulated (insulation on request)
Especially for applications with severe shocks and vibrations


Similar Part No. - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
138AML VISHAY-138AML Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
More results

Similar Description - 138AML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com