Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3104 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FM3104
Description  Integrated Processor Companion with Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM3104 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM3104 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FM3104 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
FM3104/16/64/256
Rev 0.2
May 2003
Page 9 of 22
Register Map
The RTC and processor companion functions are accessed via 25 special function registers mapped to a separate 2-
wire device ID. The interface protocol is described below. The registers contain timekeeping data, control bits, or
information flags. A description of each register follows the summary table below.
Register Map Summary Table
Nonvolatile =
Battery-backed =
Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
Serial Number Byte 7
Serial Number 7
FFh
Serial Number Byte 6
Serial Number 6
FFh
Serial Number Byte 5
Serial Number 5
FFh
Serial Number Byte 4
Serial Number 4
FFh
Serial Number Byte 3
Serial Number 3
FFh
Serial Number Byte 2
Serial Number 2
FFh
Serial Number Byte 1
Serial Number 1
FFh
Serial Number Byte 0
Serial Number 0
FFh
10h
Counter 2 MSB
Event Counter 2 MSB
FFh
0Fh
Counter 2 LSB
Event Counter 2 LSB
FFh
0Eh
Counter 1 MSB
Event Counter 1 MSB
FFh
0Dh
Counter 1 LSB
Event Counter 1 LSB
FFh
0Ch
RC
CC
C2P
C1P
Event Count Control
0Bh
SNL
-
-
WP1
WP0
VBC
VTP1
VTP0
Companion Control
0Ah
WDE
-
-
WDT4
WDT3
WDT2
WDT1
WDT0
Watchdog Control
09h
WTR
POR
LB
-
WR3
WR2
WR1
WR0
Watchdog Restart/Flags
08h
10 years
years
Years
00-99
07h
00
0
10 mo
months
Month
1-12
06h
00
10 date
date
Date
1-31
05h
0
000
0
day
Day
1-7
04h
00
10 hours
hours
Hours
0-23
03h
0
10 minutes
minutes
Minutes
0-59
02h
0
10 seconds
seconds
Seconds
0-59
01h
/OSCEN
reserved
CALS
CAL4
CAL3
CAL2
CAL1
CAL0
CAL/Control
00h
reserved
CF
reserved
reserved
reserved
CAL
W
R
RTC Control
18h
17h
11h
16h
15h
14h
13h
12h


Similar Part No. - FM3104

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM3104-G RAMTRON-FM3104-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

Similar Description - FM3104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com