Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD16CW1CB Datasheet(PDF) 4 Page - ITT Industries

Part # CRD16CW1CB
Description  10mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CRD16CW1CB Datasheet(HTML) 4 Page - ITT Industries

  CRD16CW1CB Datasheet HTML 1Page - ITT Industries CRD16CW1CB Datasheet HTML 2Page - ITT Industries CRD16CW1CB Datasheet HTML 3Page - ITT Industries CRD16CW1CB Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-35
I
TERMINATIONS
C&K CRD Series
10mm DIP Coded Rotary Switches
CONTACT MATERIAL
.032 TYP.
(0,81)
.100
(2,54)
.024 TYP.
(0,60)
.330
(8,38)
.100
(2,54)
.100
(2,54)
.200
(5,08)
.146
(3,70)
3
2
.200
(5,08)
.217
(5,50)
.197
(5,00)
.205
(5,20)
.010
(0,25)
.472
(12,0)
8
1
1
C
4
8
C
2
C PC THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
.024 TYP.
(0,60)
.394
(10,0)
.394
(10,0)
.032 TYP.
(0,81)
.100
(2,54)
.330
(8,38)
0 1
9
.100
(2,54)
.100
(2,54)
.300
(7,62)
.020
(0,51)
.146
(3,70)
.236
(6,00)
.300
(7,62)
Ø.040
(1,02)
1
C
4
8
C
2
.394
(10,0)
.394
(10,0)
.100
(2,54)
TYP.
0 1
9
.430
(10,9)
.236
(6,00)
.240
(6,10)
.020
(0,51)
TYP.
.031
(0,79)
TYP.
.010
(0,25)
.035
(0,89)
.050
(1,27)
.366
(9,30)
.024 TYP.
(0,60)
.330
(8,38)
.100
(2,54)
.100
(2,54)
Ø.040
(1,02)
1
C
4
8
C
2
TAPE & REEL
S SURFACE MOUNT
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
K
0.4 VC MAX. @ 20 V AC or DC MAX.
GOLD
TIN-LEAD
NO
YES
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.


Similar Part No. - CRD16CW1CB

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRD16C-L1AB-R CK-COMPONENTS-CRD16C-L1AB-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CRD16C-L1CB-R CK-COMPONENTS-CRD16C-L1CB-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CRD16C-L1S-B-R CK-COMPONENTS-CRD16C-L1S-B-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CRD16C-M0AB-R CK-COMPONENTS-CRD16C-M0AB-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CRD16C-M0CB-R CK-COMPONENTS-CRD16C-M0CB-R Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
More results

Similar Description - CRD16CW1CB

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com