Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7467ARQ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7467ARQ-REEL
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7467ARQ-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7467ARQ-REEL Datasheet HTML 2Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 3Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 4Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 5Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 6Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 7Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 8Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 9Page - Analog Devices ADT7467ARQ-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
ADT7467
Rev. 0 | Page 6 of 80
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADT7467
TOP VIEW
(NOT TO SCALE)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
GND
VCC
TACH3
PWM2/SMBALERT
TACH1
TACH2
PWM3
SDA
PWM1/XTO
VCCP
D1+
D1–
D2+
TACH4/GPIO/THERM/SMBALERT
D2–
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pull-up.
2
GND
Ground Pin for the ADT7467.
3
VCC
Power Supply. Can be powered by 3.3 V standby, if monitoring in low power states is required. VCC is also monitored
through this pin. The ADT7467 can also be powered from a 5 V supply. Setting Bit 7 of Configuration Register 1 (Reg.
0x40) rescales the VCC input attenuators to correctly measure a 5 V supply.
4
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3. Can be reconfigured as an analog input
(AIN3) to measure the speed of 2-wire fans (low frequency mode only).
5
PWM2
Digital Output (Open Drain). Requires 10 kΩ typical pull-up. Pulse width modulated output to control Fan 2 speed.
Can be configured as a high or low frequency drive.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
6
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1. Can be reconfigured as an analog input
(AIN1) to measure the speed of 2-wire fans (low frequency mode only).
7
TACH2
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 2. Can be reconfigured as an analog input
(AIN2) to measure the speed of 2-wire fans (low frequency mode only).
8
PWM3
Digital I/O (Open Drain). Pulse width modulated output to control the speed of Fan 3 and Fan 4. Requires 10 kΩ
typical pull-up. Can be configured as a high or low frequency drive.
9
TACH4
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4. Can be reconfigured as an analog input
(AIN4) to measure the speed of 2-wire fans (low frequency mode only).
GPIO
General Purpose Open Drain Digital I/O.
THERM
Alternatively, the pin can be reconfigured as a bidirectional THERM pin, which can be used to time and monitor
assertions on the THERM input. For example, the pin can be connected to the PROCHOT output of an Intel Pentium 4
processor or to the output of a trip point temperature sensor. This pin can be used as an output to signal
overtemperature conditions.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
10
D2−
Cathode Connection to Second Thermal Diode.
11
D2+
Anode Connection to Second Thermal Diode.
12
D1−
Cathode Connection to First Thermal Diode.
13
D1+
Anode Connection to First Thermal Diode.
14
VCCP
Analog Input. Monitors processor core voltage (0 V − 3 V).
15
PWM1
Digital Output (Open Drain). Pulse-width modulated output to control Fan 1 speed. Requires 10 kΩ typical pull-up.
XTO
Also functions as the output from the XNOR tree in XNOR test mode.
16
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires 10 kΩ typical pull-up.


Similar Part No. - ADT7467ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7467ARQ-REEL ONSEMI-ADT7467ARQ-REEL Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
ADT7467ARQ-REEL7 ONSEMI-ADT7467ARQ-REEL7 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
More results

Similar Description - ADT7467ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com