Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1149AM Datasheet(PDF) 2 Page - MTRONPTI

Part # K1149AM
Description  5V Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1149AM Datasheet(HTML) 2 Page - MTRONPTI

  K1149AM Datasheet HTML 1Page - MTRONPTI K1149AM Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
2
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
K1149 Series
5V Crystal Clock Oscillators
TEST METHODS
REFERENCE PROCEDURES
DESCRIPTION
Temperature Cycle
MIL-STD-833, Mtd 1010, Cond. B
Mechanical Shock
MIL-STD-883, Mtd 2002, Cond. B
-55°C to +125°C; Air-to-Air; 100 cycles; 10
min. dwell
Vibration
MIL-STD 883, Mtd 2007, Cond. B
20-2000 Hz; 0.06 inch; 15g’s; 3 planes
Humidity Steady State
MIL-STD-202, Mtd 103
40°C; 90%-95% R.H.; 56 days
Thermal Shock
MIL-STD-883, Mtd 1011.7 Cond. B
Electrostatic Discharge
Solderability
Hermeticity
Resistance to Soldering
Lead Integrity
Marking Permanence
Life Test
100°C to 0°C; Water-to-Water; 15 cycles
2 KV to 4 KV Threshold
Solder dip; Meniscograph Criteria
Mass spectro. 2 x 10-8 atmos. CC/sec He
235°C; 30 seconds
Lead tension & bend stress
Resistance to solvents
1500 g’s
MIL-STD-883, Mtd 3015 Class II
MIL-STD-883, Mtd 1005.6
MIL-STD-883, Mtd 2022.2
MIL-STD-883, Mtd 1014.8, Cond. A1
MIL-STD-202, Mtd 210D, Cond. J
MIL-STD-883, Mtd 2004.5, Cond. A, B1
MIL-STD-883, Mtd 2015.8
125°C, powered, 1000 hours minimum
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
Parameter
Symbol Units
Test Condition
Min.
Typ.
Max.
Ground Reference
Power Supply (PECL)
“0” Level
“1” Level
Rise Time
Fall Time
Overlap
Symmetry
VSS
VCC
VOL
VOH
TR
TF
TOL
S
Volts
Volts
Volts
Volts
ps
ps
ps
%
Reference
Reference
50
Ω into VCC-2
50
Ω into VCC-2
50
Ω into, 20% to 80%
50
Ω into, 80% to 20%
50%
VCC -1.3
0
4.75
5.0
5.25
VCC-1.95
VCC-1.6
VCC-1.02
VCC-1.74
2.0
2.0
1.0
40
60
1.0
Test Condition
Reference
N/A
50
Ω into VSS-2
50
Ω into VSS-2
50
Ω into, 20% to 80%
50
Ω into, 20% to 80%
Power Supply (ECL)
VEE
Volts Reference
50%
VSS -1.3
PECL
Specifications
ECL
Min.
Typ.
Max
1.0
0
-5.2
-
N/A
VSS-1.95
VSS-1.6
VSS-1.02
VSS-0.74
1.0
2.0
1.0
2.0
1.0
40
60
Specifications


Similar Part No. - K1149AM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1149CQA MTRONPTI-K1149CQA Datasheet
123Kb / 2P
   5V Crystal Oscillators
K1149DAD MTRONPTI-K1149DAD Datasheet
104Kb / 2P
   5V Crystal Oscillators
More results

Similar Description - K1149AM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
   5V Crystal Clock Oscillators
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
   5V Crystal Clock Oscillators
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1300 MTRONPTI-K1300 Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K1100F ETC1-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K500F ETC1-K500F Datasheet
414Kb / 2P
   5V Crystal Clock Oscillators
K1110D ETC1-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1144B ETC1-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
MTRONPTI
K1100F MTRONPTI-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K1144B MTRONPTI-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com