Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBS2KAB6SP041C Datasheet(PDF) 2 Page - ITT Industries

Part # HBS2KAB6SP041C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS2KAB6SP041C Datasheet(HTML) 2 Page - ITT Industries

  HBS2KAB6SP041C Datasheet HTML 1Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 2Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 3Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 4Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 5Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 6Page - ITT Industries HBS2KAB6SP041C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
K
K–38
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
SERIES
FUNCTION
CONTACT SEPARATION
1
2
4
7
CONTACT
SEPARATION
.001
.002
.003
.004
.005
.0015
.0002
.0004
DIFFERENTIAL TRAVEL SPECIFICATION LIMITS
FOR VARIOUS CONTACT SEPARATIONS
INCH
0
Single Pole
OPER. POS.
.625 ± .015
(15,88 ± 0,38)
S
SINGLE POLE SWITCH
HB
PRECISION SNAP-ACTING SWITCHES
NOTE: To select switching function, see CIRCUITRY section, page K-42.
Sealed Actuator and Case
To provide reliable service under environmental conditions that might damage standard precision switches, various HB Series
switch models are sealed against the entrance of airborne contaminants and/or splashing liquids. The clearance between
the operating plunger and the cover is sealed with a silicone boot and the base cover joint is sealed with an epoxy adhesive.
These models are designed to meet requirements of IP65 (dust proof, water splash and dew condensation). For additional
information on sealed switches, consult our Customer Service Center.
.070
(1,78)
7
.040
(1,02)
4
.010
(0,25)
1
.020
(0,51)
2
NOMINAL CONTACT
SEPARATION (in./mm)
OPTION
CODE
Switches with 1 AMP rating (option
code ‘F5’) are available only with
.020 contact separation (option ‘2’).
Switches with 1/2 HP, 125 V AC rating
or greater (option codes ‘B5 and B6’)
are not available with .010 contact
separation (option code ‘1’).


Similar Part No. - HBS2KAB6SP041C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HBS2KGSP011C CK-COMPONENTS-HBS2KGSP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
More results

Similar Description - HBS2KAB6SP041C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com