Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1300C Datasheet(PDF) 1 Page - MTRONPTI

Part # K1300C
Description  5V Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1300C Datasheet(HTML) 1 Page - MTRONPTI

  K1300C Datasheet HTML 1Page - MTRONPTI K1300C Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
TTL/CMOS Compatible
!
Tri-State Feature for Auto Test Systems
!
Fast Rise and Fall Times
!
70 to 120 MHz Frequency Range
!
Tight Symmetry (45/55%) Available
! ±100ppm Stability Standard
±50ppm Stability Available - K1350
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
K1300
100.000
MHZ
CTI DA
TE CODE
6,22
mm
Max.
20,8
mm
Max.
13,2
mm
Max.
PIN 1
MODEL
K1300
Frequency Range (MHz)
70 to 120
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±100
Temperature Range (°C)
Operating
0°C to +70°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±5%
Output TTL
Output CMOS
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
PART NUMBERING GUIDE
K13XXXX - Specify Frequency
“Blank” = TTL Output
“C” = CMOS Output
“Blank” = 40/60% Symmetry
“S” = 45/55% Symmetry (Available to 100MHz.
“00” = ±100ppm Stability
“50” = ±50ppm
K1300 Series
5V Crystal Clock Oscillators
Input Current (mA)
50 -80 max
Symmetry (%)
40/60 @ 1.4V
Symmetry (%)
TR and TF (ns)
40/60 @ 0.5VCC
5 (20% -80 % VCC)
Input Current (mA)
K1350
±50
TR and TF (ns)
5 (0.5V to 2.5V)
Fanout
10
100 max
TTL
<10
CMOS
<45


Similar Part No. - K1300C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1300 LEIDITECH-K1300 Datasheet
644Kb / 6P
   High voltage lamp ignitors
K1300 LEIDITECH-K1300 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
K1300E70 TECCOR-K1300E70 Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1300E70 TECCOR-K1300E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1300E70 LITTELFUSE-K1300E70 Datasheet
181Kb / 7P
   High-voltage lamp ignitors
More results

Similar Description - K1300C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
   5V Crystal Clock Oscillators
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
   5V Crystal Clock Oscillators
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K1100F ETC1-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K500F ETC1-K500F Datasheet
414Kb / 2P
   5V Crystal Clock Oscillators
K1110D ETC1-K1110D Datasheet
289Kb / 2P
   5V Crystal Clock Oscillators
K1144B ETC1-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
logo
MTRONPTI
K1100F MTRONPTI-K1100F Datasheet
427Kb / 2P
   5V Crystal Clock Oscillators
K1144B MTRONPTI-K1144B Datasheet
107Kb / 2P
   5V Crystal Clock Oscillators
K1149 MTRONPTI-K1149 Datasheet
118Kb / 2P
   5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com