Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMDVB1-25PS003P Datasheet(PDF) 6 Page - ITT Industries

Part # RMDVB1-25PS003P
Description  Micro-D Plastic Shell - .050 Contact Spacing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDVB1-25PS003P Datasheet(HTML) 6 Page - ITT Industries

Back Button RMDVB1-25PS003P Datasheet HTML 2Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 3Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 4Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 5Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 6Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 7Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 8Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 9Page - ITT Industries RMDVB1-25PS003P Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
33
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro-D Plastic Shell - .050" Contact Spacing
MDB Coaxial
Dimension - MDB Coaxial Series
+
+
+
+
Plug
Receptacle
(See page 9 for layouts)
Part Number
by Shell Size
MDB1-7C2P*
MDB1-7C2S*
.510 (12.95)
.602 (15.29)
* Add lead type and length, see Part Number Explanation.
** Weight given is with 7 inch (177.80) insulated leads, #26 AWG silver plated copper pigtails and RG178/U coaxials.
.204 (5.18)
.185 (4.70)
.298 (7.57)
.279 (7.09)
.782 (19.86)
.782 (19.86)
.395 (10.03)
.375 (9.52)
.510 (12.95)
.540 (13.72)
.290 (8.30)
.273 (7.80)
A
Max.
B
Max.
C
Max.
E
Max.
E1
Max.
D
+
_ .005 (0.13)
Avg. Weight**
(oz) +
_ 5% (gm.) +
_ 5%
.190 (4.83) Max.
.190 (4.83) Max.
TWO MTG. HOLES
.091 +
_ .003 (2.31 +
_ 0.08) DIA.
TWO MTG. HOLES
.091 +
_ .003 (2.31 +
_ 0.08) DIA.
D
.250 (6.35) MAX.
A
EXTENSION FOR
RO AND RA
COAXES
EXTENSION FOR
ROAND RA
COAXES
.625 (15.88)
MAX.
C
B
E
E1
A
.625 (15.88)
MAX.
C
B
E
E1
.250 (6.35) MAX.
1.000 (25.40) MAX.
D
1.000 (25.40) MAX.


Similar Part No. - RMDVB1-25PS003P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDVB1-25PS003P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
Glenair, Inc.
MWDL-9P-4K1-18 GLENAIR-MWDL-9P-4K1-18 Datasheet
391Kb / 2P
   Micro-D Plastic Shell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com