Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS88T1264 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HMS88T1264
Description  Turbo 80C52 Core Based High Security Smartcard Controller With 64K Bytes EEPROM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMS88T1264 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HMS88T1264 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMS88T1264 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Security
High Security Smartcard
Smartcard IC
IC
HMS88T1264
Security Features
Security Features
Data encryption according to T-DES standard
ROM code not visible due to implantation
Low/High supply voltage detector
Low/High clock frequency detector
Metal shield detector
Internal power-on-reset
Unique chip identification number for each chip
Blocking move code from EEPROM
Memory data / address encryption & scrambling
Memory segmentation
Random waitstate generator
INTERRUPT
Instruction Bus
External Bus
SFR Bus
ROM
128KB
EEPROM
64KB
XRAM
4KB
CPU
(TurboCore)
MEU
IRAM
SECURITY
SENSORS
TDES
TIMER0/1
RNG
UART
IO
RST
CLK
CRC
Block Diagram


Similar Part No. - HMS88T1264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS88T1232 ETC1-HMS88T1232 Datasheet
53Kb / 2P
   Turbo 80C52 Core Based High Security SmartcardController With 32K Bytes EEPROM
More results

Similar Description - HMS88T1264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS88T1232 ETC1-HMS88T1232 Datasheet
53Kb / 2P
   Turbo 80C52 Core Based High Security SmartcardController With 32K Bytes EEPROM
HMS88T6416 ETC1-HMS88T6416 Datasheet
52Kb / 2P
   Turbo 80C52 Core Based High Security SmartcardController With 16K Bytes EEPROM
logo
STMicroelectronics
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
   Smartcard MCU With 16352 Bytes EEPROM
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
   Smartcard MCU With 4096 Bytes EEPROM
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
   Smartcard MCU With 512 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
   Smartcard MCU With 8176 Bytes EEPROM
ST16SF41 STMICROELECTRONICS-ST16SF41 Datasheet
28Kb / 2P
   Smartcard MCU With 1344 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
   Smartcard MCU With 1088 Bytes EEPROM
logo
List of Unclassifed Man...
HMS88T2564 ETC1-HMS88T2564 Datasheet
71Kb / 2P
   New 80C52 Based High Security Smart Card IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com