Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F400A Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY29F400A
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400A Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY29F400A Datasheet HTML 1Page - Hynix Semiconductor HY29F400A Datasheet HTML 2Page - Hynix Semiconductor HY29F400A Datasheet HTML 3Page - Hynix Semiconductor HY29F400A Datasheet HTML 4Page - Hynix Semiconductor HY29F400A Datasheet HTML 5Page - Hynix Semiconductor HY29F400A Datasheet HTML 6Page - Hynix Semiconductor HY29F400A Datasheet HTML 7Page - Hynix Semiconductor HY29F400A Datasheet HTML 8Page - Hynix Semiconductor HY29F400A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
KEY FEATURES
5 Volt Read, Program, and Erase
– Minimizes system-level power requirements
High Performance
– Access times as fast as 50 ns
Low Power Consumption
– 20 mA typical active read current in byte
mode, 28 mA typical in word mode
– 30 mA typical program/erase current
– 5 µA maximum CMOS standby current
Compatible with JEDEC Standards
– Package, pinout and command-set
compatible with the single-supply Flash
device standard
– Provides superior inadvertent write
protection
Sector Erase Architecture
– Boot sector architecture with top and
bottom boot block options available
– One 16 Kbyte, two 8 Kbyte, one 32 Kbyte
and seven 64 Kbyte sectors in byte mode
– One 8 Kword, two 4 Kword, one 16 Kword
and seven 32 Kword sectors in word mode
– A command can erase any combination of
sectors
– Supports full chip erase
Erase Suspend/Resume
– Temporarily suspends a sector erase
operation to allow data to be read from, or
programmed into, any sector not being
erased
Sector Protection
– Any combination of sectors may be locked
to prevent program or erase operations
within those sectors
Temporary Sector Unprotect
– Allows changes in locked sectors
(requires high voltage on RESET# pin)
Internal Erase Algorithm
– Automatically erases a sector, any
combination of sectors, or the entire chip
Internal Programming Algorithm
– Automatically programs and verifies data
at a specified address
Fast Program and Erase Times
– Byte programming time: 7 µs typical
– Sector erase time: 1.0 sec typical
– Chip erase time: 11 sec typical
Data# Polling and Toggle Status Bits
– Provide software confirmation of
completion of program or erase
operations
Ready/Busy# Output (RY/BY#)
– Provides hardware confirmation of
completion of program and erase
operations
100,000 Program/Erase Cycles Minimum
Space Efficient Packaging
– Available in industry-standard 44-pin
PSOP and 48-pin TSOP and reverse
TSOP packages
Preliminary
Revision 1.0, January 2002
GENERAL DESCRIPTION
The HY29F400A is a 4 Megabit, 5 volt only CMOS
Flash memory organized as 524,288 (512K) bytes
or 262,144 (256K) words. The device is offered in
industry-standard 44-pin PSOP and 48-pin TSOP
packages.
The HY29F400A can be programmed and erased
in-system with a single 5-volt V
CC supply. Internally
generated and regulated voltages are provided for
program and erase operations, so that the device
does not require a high voltage power supply to
perform those functions. The device can also be
programmed in standard EPROM programmers.
Access times as fast as 55 ns over the full operat-
ing voltage range of 5.0 volts ± 10% are offered
for timing compatibility with the zero wait state re-
quirements of high speed microprocessors. A 55
ns version operating over 5.0 volts ± 5% is also
A[17:0]
18
CE#
OE#
RESET#
BYTE#
WE#
8
7
DQ[7:0]
DQ[14:8]
DQ[15]/A-1
RY/BY#
LOGIC DIAGRAM
HY29F400A
4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory


Similar Part No. - HY29F400A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG45 HYNIX-HY29F400BG45 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG55 HYNIX-HY29F400BG55 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG70 HYNIX-HY29F400BG70 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG90 HYNIX-HY29F400BG90 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com