Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBS4KHB4SA041C Datasheet(PDF) 5 Page - ITT Industries

Part # HBS4KHB4SA041C
Description  Single Pole Standard Precision Snap-acting Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HBS4KHB4SA041C Datasheet(HTML) 5 Page - ITT Industries

  HBS4KHB4SA041C Datasheet HTML 1Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 2Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 3Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 4Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 5Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 6Page - ITT Industries HBS4KHB4SA041C Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
K
K–41
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K HB Series
Single Pole Standard Precision Snap-acting Switches
ACTUATOR
.5
14
3
85
.5
14
4
110
4
110
4
110
3
85
4
110
.75
21
PB
.5
14
3
85
.5
14
4
110
4
110
4
110
3
85
4
110
.75
21
KH
.5
14
.5
14
4
110
.75
21
KG
3
85
4
110
4
110
4
110
3
85
4
110
KC
.5
14
3
85
.5
14
4
110
4
110
4
110
3
85
4
110
.75
21
KA
1
28
GF
MAXIMUM
RELEASE
FORCE
(OZ./GRAMS)
3.5
100
20
570
3.5
100
26
740
26
740
26
740
20
570
26
740
4.5
130
PB
3
85
20
570
3
85
20
570
20
570
20
570
20
570
20
570
4
115
KH
2.5
71
2.5
71
18
510
3.5
100
KG
10
284
13
370
13
370
13
370
10
284
13
370
KC
2
56
10
284
2
60
10
284
9
255
10
284
10
284
9.5
269
3
85
KA
4
115
GF
MAXIMUM
OPERATING
FORCE
(OZ./GRAMS)
* SEALED ACTUATOR
TS
ACTUATOR
A0
D0
F0
J0
P0
R5
T0
Y0
OPTION
CODE
NOTE: For basic switch operating forces, see page K-39.
* Actuators sealed against the entrance of airborne
contaminants and/or splashing liquids.


Similar Part No. - HBS4KHB4SA041C

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBS4 HEYCO-HBS4 Datasheet
105Kb / 1P
   Nylon PCB Supports - Blind Mount
logo
SMC Diode Solutions Co....
HBS402 SMCDIODE-HBS402 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 4.0Amp Surface Mount Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS405 ZSELEC-HBS405 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS41 ZSELEC-HBS41 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS410 ZSELEC-HBS410 Datasheet
120Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - HBS4KHB4SA041C

ManufacturerPart #DatasheetDescription
logo
C&K Components
HB CK-COMPONENTS-HB Datasheet
399Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
HB CK-COMPONENTS-HB_V01 Datasheet
619Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
18 Jan 21
HBS2KGB4SP011C CK-COMPONENTS-HBS2KGB4SP011C Datasheet
230Kb / 6P
   Single Pole Standard Precision Snap-acting Switches
logo
ITT Industries
LF05A080L27QY ITT-LF05A080L27QY Datasheet
201Kb / 2P
   Precision Snap-acting Reset Switches
logo
C&K Components
LF CK-COMPONENTS-LF Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
MMGGD1P0C CK-COMPONENTS-MMGGD1P0C Datasheet
261Kb / 3P
   Subminiature Precision Snap-acting Switches
logo
ITT Industries
LCGGF5P00EC ITT-LCGGF5P00EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
logo
C&K Components
LCGGF5P00ECUE CK-COMPONENTS-LCGGF5P00ECUE Datasheet
1Mb / 4P
   Subminiature Precision Snap-acting Switches
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
   Small Size Precision Snap-acting Switches
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
   Mini Size Precision Snap-acting Switches
24 Mar 21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com