Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY62LF16404C-SM Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY62LF16404C-SM
Description  256Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62LF16404C-SM Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY62LF16404C-SM Datasheet HTML 3Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 4Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 5Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 6Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 7Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 8Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 9Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 10Page - Hynix Semiconductor HY62LF16404C-SM Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY62LF16406C Series
Rev.02 / Jun.01
7
Notes:
1. A write occurs during the overlap of a low /WE, a low /CS1, a high CS2 and a low /UB and/or /LB .
2. tWR is measured from the earlier of /CS1, /LB, /UB, or /WE going high or CS2 going low to the
end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the
output must not be applied.
4. If the /CS1, /LB and /UB low transition and CS2 high transition occur simultaneously with the /WE low
transition or after the /WE transition, outputs remain in a high impedance state.
5. Q(data out) is the same phase with the write data of this write cycle.
6. Q(data out) is the read data of the next address.
7. Transition is measured + 200mV from steady state.
This parameter is sampled and not 100% tested.
8. /CS1 in high for the standby, low for active
CS2 in low for the standby, high for active.
/UB and /LB in high for the standby, low for active
DATA RETENTION ELECTRIC CHARACTERISTIC
TA= -40
°C to 85°C
Symbol
Parameter
Test Condition
Min
Typ
1.
Max
Unit
VDR
Vcc for Data Retention
/CS1 > Vcc - 0.2V or
CS2 < Vss + 0.2V or
/UB, /LB > Vcc - 0.2V,
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
1.2
-
2.7
V
SL
-
0.1
3
uA
Iccdr
Data Retention Current
Vcc=1.5V,
/CS1 > Vcc - 0.2V or
CS2 < Vss + 0.2V or
/UB, /LB > Vcc - 0.2V
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
LL
-
0.1
10
uA
tCDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operating Recovery Time
See Data Retention Timing Diagram
tRC
-
-
ns
Notes:
1. Typical values are under the condition of TA = 25
°C.
2. Typical Value are sampled and not 100% tested


Similar Part No. - HY62LF16404C-SM

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62LF16404C-I HYNIX-HY62LF16404C-I Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62LF16404C-SM

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62VF08401C HYNIX-HY62VF08401C Datasheet
154Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16403A HYNIX-HY62SF16403A Datasheet
129Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406E HYNIX-HY62SF16406E Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
HY62LF16406D HYNIX-HY62LF16406D Datasheet
193Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16403A HYNIX-HY62UF16403A Datasheet
190Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16406C HYNIX-HY62SF16406C Datasheet
192Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com