Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29DS162BF-13 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29DS162BF-13
Description  16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DS162BF-13 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29DS162BF-13 Datasheet HTML 7Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 8Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 9Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 10Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 11Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 12Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 13Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 14Page - Hynix Semiconductor HY29DS162BF-13 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
HY29DS162/HY29DS163
r1.3/Apr 01
The HY29DS16x is automatically set for reading
array data after device power-up and after a hard-
ware reset to ensure that no spurious alteration of
the memory content occurs during the power tran-
sition. No command is necessary in this mode to
obtain array data, and both banks of the device
remain enabled for read accesses until the com-
mand register contents are altered.
This device features the capability of reading data
from one bank of the memory while a program or
erase operation is in progress in the other bank.
If the host reads from an address within an eras-
ing or erase-suspended sector, or from a bank
where a programming operation is taking place,
the device outputs status data instead of array data
(see Write Operation Status section). After com-
pleting an Automatic Program or Automatic Erase
algorithm within a bank, that bank automatically
returns to the read array data mode.
When the host issues an Erase Suspend com-
mand, the bank specified in the command enters
the Erase- Suspended Read mode. While in that
mode, the host can read data from, or program
data into, any sector in that bank except the
sector(s) being erased. After completing a pro-
gramming operation in the Erase Suspend mode,
the system may once again read array data with
the same exception noted above.
The host must issue a hardware reset or the soft-
ware reset command to return a sector to the read
array data mode if DQ[5] goes high during a pro-
gram or erase cycle, or to return the device to the
read array data mode while it is in the Electronic
ID mode.
Write Operation
Certain operations, including programming data
and erasing sectors of memory, require the host
to write a command or command sequence to the
HY29DS16x. Writes to the device are performed
by placing the byte or word address on the device’s
address inputs while the data to be written is input
on DQ[15:0] (BYTE# = High) or DQ[7:0] (BYTE#
= Low). The host system must drive the CE# and
WE# pins Low and drive OE# High for a valid write
operation to take place. All addresses are latched
on the falling edge of WE# or CE#, whichever
happens later. All data is latched on the rising
edge of WE# or CE#, whichever happens first.
The “Device Commands” section of this data sheet
provides details on the specific device commands
implemented in the HY29DS16x.
Accelerated Program Operation
This device offers improved performance for pro-
gramming operations through the ‘Accelerate
(ACC)’ function. This is one of two functions pro-
vided by the WP#/ACC pin and is intended prima-
rily to allow faster manufacturing throughput at the
factory.
If V
HH is applied to this input, the device enters the
Unlock Bypass mode, temporarily unprotects any
protected sectors, and uses the higher voltage on
the pin to reduce the time required for program
operations. The host system would then use the
two-cycle program command sequence as re-
quired by the Unlock Bypass mode. Removing
V
HH from the pin returns the device to normal op-
eration.
This pin must not be at V
HH for operations other
than accelerated programming, or device damage
may result. Leaving the pin floating or uncon-
nected may result in inconsistent device opera-
tion.
Write Protect Function
The Write Protect function provides a hardware
method of protecting certain boot sectors without
using V
ID. This is the second function provided by
the WP#/ACC pin.
Placing this pin at V
IL disables program and erase
operations in two of the eight 8 Kbyte (4 Kword)
boot sectors. The affected sectors are sectors S0
and S1 in a bottom-boot device, or S37 and S38
in a top-boot device. If the pin is placed at V
IH, the
protection state of those two sectors reverts to
whether they were last set to be protected or un-
protected using the method described in the Sec-
tor Group Protection and Unprotection sections.
Standby Operation
When the system is not reading or writing to the
device, it can place the device in the Standby
mode. In this mode, current consumption is greatly
reduced, and the data bus outputs are placed in
the high impedance state, independent of the OE#
input. The Standby mode can invoked using two
methods.


Similar Part No. - HY29DS162BF-13

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS323 HYNIX-HY29DS323 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DS162BF-13

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DL162 HYNIX-HY29DL162 Datasheet
548Kb / 48P
   16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com