Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29F400ABG-70 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY29F400ABG-70
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400ABG-70 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY29F400ABG-70 Datasheet HTML 1Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 2Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 3Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 4Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 5Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 6Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 7Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 8Page - Hynix Semiconductor HY29F400ABG-70 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
Rev. 1.0/Jan. 02
HY29F400A
PIN CONFIGURATIONS
Standard
TSOP48
DQ7
DQ14
44
43
DQ6
DQ13
42
41
DQ5
DQ12
40
39
DQ4
V
CC
38
37
DQ11
DQ3
36
35
DQ10
DQ2
34
33
DQ9
DQ1
32
31
DQ8
DQ0
30
29
A16
BYTE#
48
47
V
SS
DQ15/A-1
46
45
OE#
V
SS
28
27
CE#
A0
26
25
A11
A10
5
6
A9
A8
7
8
NC
NC
9
10
WE#
RESET#
11
12
NC
NC
13
14
RY/BY#
NC
15
16
A17
A7
17
18
A6
A5
19
20
A15
A14
1
2
A13
A12
3
4
A4
A3
21
22
A2
A1
23
24
Reverse
TSOP48
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
48
47
46
45
28
27
26
25
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
21
22
23
24
A11
A10
A9
A8
NC
NC
WE#
RESET#
NC
NC
RY/BY#
NC
A17
A7
A6
A5
A15
A14
A13
A12
A4
A3
A2
A1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
V
CC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
A16
BYTE#
V
SS
DQ15/A-1
OE#
V
SS
CE#
A0
A6
A5
5
6
A4
A3
7
8
A2
A1
9
10
A0
CE#
11
12
V
SS
OE#
13
14
DQ0
DQ8
15
16
DQ1
DQ9
17
18
DQ2
DQ10
19
20
DQ3
DQ11
21
22
NC
RY/BY#
1
2
A17
A7
3
4
A10
A11
40
39
A12
A13
38
37
A14
A15
36
35
A16
BYTE#
34
33
V
SS
DQ15/A-1
32
31
DQ7
DQ14
30
29
DQ6
DQ13
28
27
DQ5
DQ12
26
25
DQ4
V
CC
24
23
RESET#
WE#
44
43
A8
A9
42
41
CONVENTIONS
Unless otherwise noted, a positive logic (active
High) convention is assumed throughout this docu-
ment, whereby the presence at a pin of a higher,
more positive voltage (nominally 5VDC) causes
assertion of the signal. A ‘#’ symbol following the
signal name, e.g., RESET#, indicates that the sig-
nal is asserted in a Low state (nominally 0 volts).
Whenever a signal is separated into numbered
bits, e.g., DQ[7], DQ[6], ..., DQ[0], the family of
bits may also be shown collectively, e.g., as
DQ[7:0].
The designation 0xNNNN (N = 0, 1, 2, . . . , 9, A, . . .
, E, F) indicates a number expressed in hexadeci-
mal notation. The designation 0bXXXX indicates a
number expressed in binary notation (X = 0, 1).


Similar Part No. - HY29F400ABG-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG45 HYNIX-HY29F400BG45 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG55 HYNIX-HY29F400BG55 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG70 HYNIX-HY29F400BG70 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400BG90 HYNIX-HY29F400BG90 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400ABG-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com