Electronic Components Datasheet Search |
|
HY62LF16806B-C Datasheet(PDF) 8 Page - Hynix Semiconductor |
|
HY62LF16806B-C Datasheet(HTML) 8 Page - Hynix Semiconductor |
8 / 11 page HY62LF16806B Series Rev.00/May. 2001 7 Notes: 1. A write occurs during the overlap of a low /WE, a low /CS1, a high CS2 and a Low /UB and/or /LB. 2. tWR is measured from the earlier of /CS1, /LB, /UB, or /WE going high or CS2 going low to the end of write cycle. 3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the output must not be applied. 4. If the /CS1, /LB and /UB low transition and CS2 high transition occur simultaneously with the /WE low transition or after the /WE transition, outputs remain in a high impedance state. 5. Q(data out) is the same phase with the write data of this write cycle. 6. Q(data out) is the read data of the next address. 7. Transition is measured + 200mV from steady state. This parameter is sampled and not 100% tested. 8. /CS1 in high for the standby, low for active CS2 in low for the standby, high for active. /UB and /LB in high for the standby, low for active DATA RETENTION ELECTRIC CHARACTERISTIC TA= 0 °C to 70°C(Commercial)/ -40°C to 85°C Symbol Parameter Test Condition Min Typ 1. Max Unit VDR Vcc for Data Retention /CS1 > Vcc - 0.2V or CS2 < Vss + 0.2V or /UB, /LB > Vcc - 0.2V, VIN > Vcc - 0.2V or VIN < Vss + 0.2V 1.2 - 2.7 V SL - - 6 uA Iccdr Data Retention Current Vcc=1.5V, /CS1 > Vcc - 0.2V or CS2 < Vss + 0.2V or /UB, /LB > Vcc - 0.2V VIN > Vcc - 0.2V or VIN < Vss + 0.2V LL - 1.0 12 uA tCDR Chip Deselect to Data Retention Time 0 - - ns tR Operating Recovery Time See Data Retention Timing Diagram tRC - - ns Notes: 1. Typical values are under the condition of TA = 25 °C . 2. tRC is read cycle time. |
Similar Part No. - HY62LF16806B-C |
|
Similar Description - HY62LF16806B-C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |