Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29DL163BF-90 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY29DL163BF-90
Description  16 Megabit (2M x 8/1M x16) Low Voltage, Dual Bank, Simultaneous Read/Write Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29DL163BF-90 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY29DL163BF-90 Datasheet HTML 1Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 2Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 3Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 4Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 5Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 6Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 7Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 8Page - Hynix Semiconductor HY29DL163BF-90 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
3
r1.3/June 01
HY29DL162/HY29DL163
BLOCK DIAGRAM
STATE
CONTROL
WE#
CE#
RESET#
BYTE#
COMMAND
REGISTER
A[19:0], A[-1]
V
CC
DETECTOR
TIMER
ERASE VOLTAGE
GENERATOR AND
SECTOR SWITCHES
PROGRAM
VOLTAGE
GENERATOR
X-DECODER
Y-DECODER
16 Mb FLASH
MEMORY
ARRAY
(2 Banks,
39 Sectors)
0.5 Mb FLASH
Security Sector
Y-GATING
DATA LATCH
I/O BUFFERS
I/O CONTROL
RY/BY#
DQ[15:0]
CFI
CONTROL
CFI DATA
MEMORY
A[19:0], A[-1]
WP#/ACC
OE#
mand. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
The Secured Sector is an extra 64 Kbyte sector
capable of being permanently locked at the fac-
tory or by customers. The Secured Indicator Bit
(accessed via the Electronic ID mode) is perma-
nently set to a 1 if the part is factory locked, and
permanently set to a 0 if customer lockable. This
way, customer lockable parts can never be used
to replace a factory locked part. Factory locked
parts provide several options. The Secured Sec-
tor may store a secure, random 16-byte ESN (Elec-
tronic Serial Number), customer code programmed
at the factory, or both. Customer Lockable parts
may utilize the Secured Sector as bonus space,
reading and writing like any other Flash sector, or
may permanently lock their own code there.
The WP#/ACC pin provides access to two func-
tions. The Write Protect function provides a hard-
ware method of protecting certain boot sectors
without using a high voltage. The Accelerate func-
tion speeds up programming operations, and is
intended primarily to allow faster manufacturing
throughput.
Two power-saving features are embodied in the
HY29DL16x. When addresses have been stable
for a specified amount of time, the device enters
the automatic sleep mode. The host can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.
Common Flash Memory Interface (CFI)
To make Flash memories interchangeable and to
encourage adoption of new Flash technologies,
major Flash memory suppliers developed a flex-
ible method of identifying Flash memory sizes and
configurations in which all necessary Flash device
parameters are stored directly on the device.
Parameters stored include memory size, byte/word
configuration, sector configuration, necessary volt-
ages and timing information. This allows one set
of software drivers to identify and use a variety of
different, current and future Flash products. The
standard which details the software interface nec-
essary to access the device to identify it and to
determine its characteristics is the Common Flash
Memory Interface (CFI) Specification.
The
HY29DL16x is fully compliant with this specification.


Similar Part No. - HY29DL163BF-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12 HYNIX-HY29DS162BF-12 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-12I HYNIX-HY29DS162BF-12I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13 HYNIX-HY29DS162BF-13 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS162BF-13I HYNIX-HY29DS162BF-13I Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
More results

Similar Description - HY29DL163BF-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29DS162 HYNIX-HY29DS162 Datasheet
546Kb / 48P
   16 Megabit (2M x 8/1M x 16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
HY29DS322 HYNIX-HY29DS322 Datasheet
289Kb / 6P
   32 Megabit (4M x 8/2M x16) Super-Low Voltage, Dual Bank, Simultaneous Read/Write, Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com