Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY62SF16404E Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY62SF16404E
Description  256K x16 bit 1.65 ~ 2.3V Super Low Power FCMOS Slow SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62SF16404E Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY62SF16404E Datasheet HTML 2Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 3Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 4Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 5Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 6Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 7Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 8Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 9Page - Hynix Semiconductor HY62SF16404E Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HY62SF16404E Series
Rev.02 / May.02
8
PACKAGE INFORMATION
48ball Fine Pitch Ball Grid Array Package (F)
BOTTOM VIEW
TOP VIEW
B
A
A1 CORNER
INDEX AREA
6
5
4
3
2
1
A
A
B
C
D
C
C1
E
F
G
C1/2
H
B1/2
B1
SIDE VIEW
5
E1
E2
C
E
SEATING PLANE
4
A
r
3 D(DIAMETER)
Symbol
Min.
Typ.
Max.
A
-
0.75
-
B
-
3.75
-
B1
5.9
6.0
6.1
C
-
5.25
-
C1
6.9
7.0
7.1
D
0.40
0.45
0.50
E
0.8
0.9
1.0
E1
-
0.55
-
E2
0.30
0.35
0.40
r
-
-
0.08
Note
1. DIMENSIONING AND TOLERANCING PER ASME Y14. 5M-1994.
2. ALL DIMENSIONS ARE MILLIMETERS.
3. DIMENSION “D” IS MEASURED AT THE MAXIMUM SOLDER
BALL DIAMETER IN A PLANE PARALLEL TO DATUM C.
4. PRIMARY DATUM C(SEATING PLANE) IS DEFINED BY THE
CROWN OF THE SOLDER BALLS.
5. THIS IS A CONTROLLING DIMENSION.


Similar Part No. - HY62SF16404E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-DM85I HYNIX-HY62SF16404C-DM85I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-I HYNIX-HY62SF16404C-I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404C-SM85I HYNIX-HY62SF16404C-SM85I Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
HY62SF16404D HYNIX-HY62SF16404D Datasheet
185Kb / 10P
   256Kx16bit full CMOS SRAM
More results

Similar Description - HY62SF16404E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
HY62KF08802B HYNIX-HY62KF08802B Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Fujitsu Component Limit...
MB84256A-70 FUJITSU-MB84256A-70 Datasheet
630Kb / 14P
   CMOS 256K-BIT LOW POWER SRAM
logo
Emerging Memory & Logic...
EM641FU16E EMLSI-EM641FU16E Datasheet
72Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FU16E EMLSI-EM640FU16E Datasheet
75Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM645FV16FU EMLSI-EM645FV16FU Datasheet
193Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM644FV16FU EMLSI-EM644FV16FU Datasheet
189Kb / 11P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com